Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X-LINUX-GNSS1 Datasheet(PDF) 7 Page - STMicroelectronics

Part # X-LINUX-GNSS1
Description  GNSS and inertial sensors expansion board for STM32 MPU
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

X-LINUX-GNSS1 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button X-LINUX-GNSS1 Datasheet HTML 3Page - STMicroelectronics X-LINUX-GNSS1 Datasheet HTML 4Page - STMicroelectronics X-LINUX-GNSS1 Datasheet HTML 5Page - STMicroelectronics X-LINUX-GNSS1 Datasheet HTML 6Page - STMicroelectronics X-LINUX-GNSS1 Datasheet HTML 7Page - STMicroelectronics X-LINUX-GNSS1 Datasheet HTML 8Page - STMicroelectronics X-LINUX-GNSS1 Datasheet HTML 9Page - STMicroelectronics X-LINUX-GNSS1 Datasheet HTML 10Page - STMicroelectronics X-LINUX-GNSS1 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Figure 6. X-STM32MP-GNSS1 schematic diagram (5 of 9)
ANTOFF
RF_IN
ANTOFF
VCC_RF
VCC_RF
VCC_RF
C12
1nF
R35
0
L2
5n6
Z1
B39162B4327P 810
1
4
U3
BGA824N6
AO
3
AI
5
C14
120pF
U4
TP S 22943
GND
2
VIN
5
ON
4
VOUT
1
OC
3
CN3
S MA_HRZ
R33
0
NM
R31
330
C16
1uF
D2
ES DARF02-1BU2CK
R34
0
NM
L1
100nH
L_0402
C15
120pF
C13
120pF
R36
100K
R32
0
NM
VANT
VANT
Figure 7. X-STM32MP-GNSS1 schematic diagram (6 of 9)
3V3
Accelerometer
and Gyroscope
I2C_S CL
I2C_S DA
IS M330DHC_INT1
IS M330DHC_INT2
U5
IS M330DHCXTR
OCS _Aux
10
S DO/S A0
1
INT1
4
S Cx
3
S Dx
2
INT2
9
VDD
8
S DO_Aux
11
R42
4.7K
R41
1K
NM
C19
100nF
R39
1K
R37
0
R40
1K
R38
1K
IS M330DHC_3V3
IS M330DHC_3V3
IS M330DHC_3V3
IS M330DHC_3V3
IS M330DHC_3V3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com