Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA3604TH Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDA3604TH
Description  Multiple voltage regulators with external reset delay and switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3604TH Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA3604TH Datasheet HTML 2Page - NXP Semiconductors TDA3604TH Datasheet HTML 3Page - NXP Semiconductors TDA3604TH Datasheet HTML 4Page - NXP Semiconductors TDA3604TH Datasheet HTML 5Page - NXP Semiconductors TDA3604TH Datasheet HTML 6Page - NXP Semiconductors TDA3604TH Datasheet HTML 7Page - NXP Semiconductors TDA3604TH Datasheet HTML 8Page - NXP Semiconductors TDA3604TH Datasheet HTML 9Page - NXP Semiconductors TDA3604TH Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
1997 Aug 21
6
Philips Semiconductors
Product specification
Multiple voltage regulators with external
reset delay and switch
TDA3604Q; TDA3604TH
FUNCTIONAL DESCRIPTION
The TDA3604Q and TDA3604TH are multiple output
voltage regulators with a power switch, intended for use in
car radios with or without a microcontroller. Because of
low-voltage operation of the car radio, low-voltage drop
regulators are used.
Regulator 2 will switch on when the supply voltage
exceeds 6.5 V for the first time and will switch off again
when the output voltage of regulator 2 drops below 1.9 V
(this is below an engine start). When regulator 2 is
switched on and the output voltage of this regulator is
within its voltage range, the reset output will be enabled
(reset will go HIGH via a pull-up resistor) to generate a
reset to the microcontroller. The reset cycles can be
extended by an external capacitor at CRES (pin of the reset
delay capacitor). The above mentioned start-up feature is
built-in to secure a smooth start-up of the microcontroller
at first connection, without uncontrolled switching of
regulator 2 during the start-up sequence.
When both regulator 2 and the supply voltage (VP > 4.5 V)
are available, regulator 1 and the power switch can be
operated by the enable inputs Ven(REG1) and Ven(sw)
respectively.
All output pins are fully protected. The regulators are
protected against load dump (regulator 1 will switch off at
supply voltages higher than 25 V) and short-circuit
(foldback current protection).
The power switch contains a current protection which is
delayed for
≥10 ms (in short-circuit condition). During this
time the current is limited to 1.4 A (VP ≤ 18 V).
At supply voltages over 16.9 V the power switch is
clamped at 15.0 V (to avoid externally connected circuitry
being damaged by an overvoltage) and the power switch
will switch off at load dump.
Interfacing with the microcontroller can be accomplished
by an ignition Schmitt trigger and ignition output buffer,
(simple full/semi on/off logic applications).
The total timing of a semi on/off logic set is shown in Fig.4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com