Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA3604TH Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA3604TH
Description  Multiple voltage regulators with external reset delay and switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3604TH Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA3604TH Datasheet HTML 9Page - NXP Semiconductors TDA3604TH Datasheet HTML 10Page - NXP Semiconductors TDA3604TH Datasheet HTML 11Page - NXP Semiconductors TDA3604TH Datasheet HTML 12Page - NXP Semiconductors TDA3604TH Datasheet HTML 13Page - NXP Semiconductors TDA3604TH Datasheet HTML 14Page - NXP Semiconductors TDA3604TH Datasheet HTML 15Page - NXP Semiconductors TDA3604TH Datasheet HTML 16Page - NXP Semiconductors TDA3604TH Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
1997 Aug 21
13
Philips Semiconductors
Product specification
Multiple voltage regulators with external
reset delay and switch
TDA3604Q; TDA3604TH
TEST AND APPLICATION INFORMATION
Fig.7 Test circuit (for DBS13P package; SOT141-6).
(1) Capacitor not required for stability.
handbook, full pagewidth
MBE238
regulator 2
output
regulator 1
output
reset
output
C3
10
µF
C2
10
µF
power switch
output
C1
220 nF
C4
10
µF
C5
1
µF
C7
47 nF
ignition output
47 k
Ω
R2
1 k
Ω
1 k
Ω
5 V
8.5 V
R L(sw)
1 k
Ω
R L(REG1)
1 k
Ω
R L(REG2)
13
11
4
5
8
6
9
12
3
7
2
10
TDA3604Q
ground
power switch
input
power switch
enable input
regulator 1
enable input
ignition input
reset delay capacitor
VP
supply voltage
Ven(sw)
V l(sw)
C5
220 nF
(1)
(1)
R1
1 k
Ω
Ven(REG1)
VI(ig)
R3
Noise information
The noise at the output of the regulators depends on the
bandwidth of the regulators, which can be adjusted by the
output capacitors. Table 1 shows the noise figures.
Although stability is guaranteed when CL is higher than
10
µF (over temperature range) with tan (φ) = 1 in the
frequency range 1 to 10 kHz, however, for low noise, a
47
µF load capacitor is required.
The noise on the supply line depends on the value of the
supply capacitor and is caused by a current noise (output
noise of the regulators is translated into a current noise by
the output capacitors). When a high frequency capacitor of
220 nF with an electrolytic capacitor of 100
µF in parallel is
placed directly over VP and GND (pins of supply voltage
and ground) the noise is minimized.
Table 1
Noise figures
Note
1. Bandwidth of 100 kHz.
REGULATOR
NOISE (
µV)(1)
OUTPUT
CAPACITOR (
µF)
1
180
10
100
47
80
100
2
120
10
70
47
70
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com