Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA3604TH Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA3604TH
Description  Multiple voltage regulators with external reset delay and switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3604TH Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA3604TH Datasheet HTML 1Page - NXP Semiconductors TDA3604TH Datasheet HTML 2Page - NXP Semiconductors TDA3604TH Datasheet HTML 3Page - NXP Semiconductors TDA3604TH Datasheet HTML 4Page - NXP Semiconductors TDA3604TH Datasheet HTML 5Page - NXP Semiconductors TDA3604TH Datasheet HTML 6Page - NXP Semiconductors TDA3604TH Datasheet HTML 7Page - NXP Semiconductors TDA3604TH Datasheet HTML 8Page - NXP Semiconductors TDA3604TH Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
1997 Aug 21
2
Philips Semiconductors
Product specification
Multiple voltage regulators with external
reset delay and switch
TDA3604Q;
TDA3604TH
FEATURES
General
• One V
P-state controlled regulator (regulator 2)
• Regulator 2, reset and ignition buffer operate during
load dump and thermal shutdown
• Separate control pins for switching regulator 1 and the
power switch
• Supply voltage range of −18 to +50 V
(operating from 9.75 V)
• Low reverse current of regulator 2
• Low quiescent current (when regulator 1, power switch
and ignition buffer are switched off)
• Ignition input/output
• Reset output
• Adjustable reset delay time
• High ripple rejection
• Power switch
• Separate supply for the power switch.
Protections
• Reverse polarity safe (down to −18 V without high
reverse current)
• Able to withstand voltages up to 18 V at the outputs
(supply line may be short-circuited)
• ESD protected on all pins
• Thermal protection
• Load dump protection
• Foldback current limit protection for regulators 1 and 2
• Delayed second current limit protection for the power
switch
• The regulator outputs and the power switch are
DC short-circuited safe to ground and VP.
GENERAL DESCRIPTION
The TDA3604Q and TDA3604TH are multiple output
voltage regulators with a power switch, intended for use in
car radios with or without a microcontroller.
It contains one fixed voltage regulator with a foldback
current protection (regulator 1) and one fixed voltage
regulator (regulator 2), intended to supply a
microcontroller, that also operates during load dump and
thermal shutdown.
There is a power switch with protections, operated by an
enable input.
The reset and ignition outputs can be used to interface by
the microcontroller. The reset signal can be used to call up
the microcontroller and the ignition output indicates
ignition voltage available.
Both supply pins can withstand load dump pulses and
negative supply voltages.
Regulator 2 will be switched on at a supply voltage >6.5 V
and off at a voltage of regulator 2 <1.9 V.
ORDERING INFORMATION
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA3604Q
DBS13P
plastic DIL-bent-SIL power package; 13 leads (lead length 12 mm)
SOT141-6
TDA3604TH
HSOP20 plastic heat-dissipating small outline package; 20 leads; low stand-off
SOT418-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com