Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74AVC4T245L-QAE-R Datasheet(PDF) 13 Page - Unisonic Technologies

Part # U74AVC4T245L-QAE-R
Description  4 BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AVC4T245L-QAE-R Datasheet(HTML) 13 Page - Unisonic Technologies

Back Button U74AVC4T245L-QAE-R Datasheet HTML 8Page - Unisonic Technologies U74AVC4T245L-QAE-R Datasheet HTML 9Page - Unisonic Technologies U74AVC4T245L-QAE-R Datasheet HTML 10Page - Unisonic Technologies U74AVC4T245L-QAE-R Datasheet HTML 11Page - Unisonic Technologies U74AVC4T245L-QAE-R Datasheet HTML 12Page - Unisonic Technologies U74AVC4T245L-QAE-R Datasheet HTML 13Page - Unisonic Technologies U74AVC4T245L-QAE-R Datasheet HTML 14Page - Unisonic Technologies U74AVC4T245L-QAE-R Datasheet HTML 15Page - Unisonic Technologies U74AVC4T245L-QAE-R Datasheet HTML 16Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
U74AVC4T245
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
13 of 16
www.unisonic.com.tw
QW-R126-075.D
OPERATING CHARACTERISTIC (CL=0, f=10MHz, tr=tf=1ns, TA=25°С, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Power Dissipation
Capacitance (A to B)
Outputs enabled
CPDA
VCCA=VCCB=1.2V
1
pF
VCCA=VCCB=1.5V
1
pF
VCCA=VCCB=1.8V
1
pF
VCCA=VCCB=2.5V
1.5
pF
VCCA=VCCB=3.3V
2
pF
Outputs disabled
VCCA=VCCB=1.2V
1
pF
VCCA=VCCB=1.5V
1
pF
VCCA=VCCB=1.8V
1
pF
VCCA=VCCB=2.5V
1
pF
VCCA=VCCB=3.3V
1
pF
Power Dissipation
Capacitance (B to A)
Outputs enabled
VCCA=VCCB=1.2V
12
pF
VCCA=VCCB=1.5V
12.5
pF
VCCA=VCCB=1.8V
13
pF
VCCA=VCCB=2.5V
14
pF
VCCA=VCCB=3.3V
15
pF
Outputs disabled
VCCA=VCCB=1.2V
1
pF
VCCA=VCCB=1.5V
1
pF
VCCA=VCCB=1.8V
1
pF
VCCA=VCCB=2.5V
1
pF
VCCA=VCCB=3.3V
1
pF
Power Dissipation
Capacitance (A to B)
Outputs enabled
CPDB
VCCA=VCCB=1.2V
12
pF
VCCA=VCCB=1.5V
12.5
pF
VCCA=VCCB=1.8V
13
pF
VCCA=VCCB=2.5V
14
pF
VCCA=VCCB=3.3V
15
pF
Outputs disabled
VCCA=VCCB=1.2V
1
pF
VCCA=VCCB=1.5V
1
pF
VCCA=VCCB=1.8V
1
pF
VCCA=VCCB=2.5V
1
pF
VCCA=VCCB=3.3V
1
pF
Power Dissipation
Capacitance (B to A)
Outputs enabled
VCCA=VCCB=1.2V
1
pF
VCCA=VCCB=1.5V
1
pF
VCCA=VCCB=1.8V
1
pF
VCCA=VCCB=2.5V
1
pF
VCCA=VCCB=3.3V
2
pF
Outputs disabled
VCCA=VCCB=1.2V
1
pF
VCCA=VCCB=1.5V
1
pF
VCCA=VCCB=1.8V
1
pF
VCCA=VCCB=2.5V
1
pF
VCCA=VCCB=3.3V
1
pF
Note: Power dissipation capacitance per transceiver.
OPERATING CHARACTERISTICS (f=10MHz, TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input
Capacitance
Control inputs
CIN
VCCA=VCCB=3.3V
VIN=3.3V or GND
3.5
pF
Output
Capacitance
A or B port
CIO
VCCA=VCCB=3.3V
VIN=3.3V or GND
6
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com