Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74AVC4T245L-QAE-R Datasheet(PDF) 14 Page - Unisonic Technologies

Part # U74AVC4T245L-QAE-R
Description  4 BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AVC4T245L-QAE-R Datasheet(HTML) 14 Page - Unisonic Technologies

Back Button U74AVC4T245L-QAE-R Datasheet HTML 8Page - Unisonic Technologies U74AVC4T245L-QAE-R Datasheet HTML 9Page - Unisonic Technologies U74AVC4T245L-QAE-R Datasheet HTML 10Page - Unisonic Technologies U74AVC4T245L-QAE-R Datasheet HTML 11Page - Unisonic Technologies U74AVC4T245L-QAE-R Datasheet HTML 12Page - Unisonic Technologies U74AVC4T245L-QAE-R Datasheet HTML 13Page - Unisonic Technologies U74AVC4T245L-QAE-R Datasheet HTML 14Page - Unisonic Technologies U74AVC4T245L-QAE-R Datasheet HTML 15Page - Unisonic Technologies U74AVC4T245L-QAE-R Datasheet HTML 16Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
U74AVC4T245
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
14 of 16
www.unisonic.com.tw
QW-R126-075.D
APPLICATION INFORMATION
The U74AVC4T245 device can be used in level-translation applications for interfacing devices or systems
operating at different interface voltages with one another. The U74AVC4T245 device is ideal for use in applications
where a push-pull driver is connected to the data I/Os.
TYPICAL APPLICATION CIRCUIT
POWER SUPPLY RECOMMENDATIONS
The U74AVC4T245 device uses two separate configurable power-supply rails, VCCA and VCCB. VCCA accepts any
supply voltage from 1.2V to 3.6V and VCCB accepts any supply voltage from 1.2V to 3.6V. The A port and B port are
designed to track VCCA and VCCB respectively allowing for low-voltage bidirectional translation between any of the
1.2V, 1.5V, 1.8V, 2.5V and 3.3V voltage nodes.
The output-enable ( OE ) input circuit is designed so that it is supplied by VCCA and when the OE input is high, all
outputs are placed in the high-impedance state. To ensure the high-impedance state of the outputs during power up
or power down, the OE input pin must be tied to VCCA through a pullup resistor and must not be enabled until VCCA
and VCCB are fully ramped and stable. The minimum value of the pullup resistor to VCCA is determined by the
current-sinking capability of the driver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com