Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74AVC4T245L-QAE-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # U74AVC4T245L-QAE-R
Description  4 BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AVC4T245L-QAE-R Datasheet(HTML) 3 Page - Unisonic Technologies

  U74AVC4T245L-QAE-R Datasheet HTML 1Page - Unisonic Technologies U74AVC4T245L-QAE-R Datasheet HTML 2Page - Unisonic Technologies U74AVC4T245L-QAE-R Datasheet HTML 3Page - Unisonic Technologies U74AVC4T245L-QAE-R Datasheet HTML 4Page - Unisonic Technologies U74AVC4T245L-QAE-R Datasheet HTML 5Page - Unisonic Technologies U74AVC4T245L-QAE-R Datasheet HTML 6Page - Unisonic Technologies U74AVC4T245L-QAE-R Datasheet HTML 7Page - Unisonic Technologies U74AVC4T245L-QAE-R Datasheet HTML 8Page - Unisonic Technologies U74AVC4T245L-QAE-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
U74AVC4T245
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 16
www.unisonic.com.tw
QW-R126-075.D
PIN CONFIGURATION
PIN DESCRIPTION
PIN NO.
PIN NAME
TYPE
DESCRIPTION
SOP-16
TSSOP-16
X1QFN-16(1.8×2.6)
1
3
VCCA
A-port power supply voltage. 1.2V ≤ VCCA ≤ 3.6V
2
4
1DIR
I
Direction-control input for ‘1’ ports
3
5
2DIR
I
Direction-control input for ‘2’ ports
4
6
1A1
I/O
Input/output 1A1. Referenced to VCCA
5
7
1A2
I/O
Input/output 1A2. Referenced to VCCA
6
8
2A1
I/O
Input/output 2A1. Referenced to VCCA
7
9
2A2
I/O
Input/output 2A2. Referenced to VCCA
8, 9
10, 11
GND
Ground
10
12
2B2
I/O
Input/output 2B2. Referenced to VCCB
11
13
2B1
I/O
Input/output 2B1. Referenced to VCCB
12
14
1B2
I/O
Input/output 1B2. Referenced to VCCB
13
15
1B1
I/O
Input/output 1B1. Referenced to VCCB
14
16
2 OE
I
3-state output-mode enables. Pull OE high to place ‘2’
outputs in 3-state mode. Referenced to VCCA
15
1
1 OE
I
3-state output-mode enables. Pull OE high to place ‘1’
outputs in 3-state mode. Referenced to VCCA
16
2
VCCB
B-port power supply voltage. 1.2V ≤ VCCB ≤ 3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com