Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74CB3Q3305L-P08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # U74CB3Q3305L-P08-R
Description  DUAL FET BUS SWITCH 2.5V OR 3.3V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74CB3Q3305L-P08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  U74CB3Q3305L-P08-R Datasheet HTML 1Page - Unisonic Technologies U74CB3Q3305L-P08-R Datasheet HTML 2Page - Unisonic Technologies U74CB3Q3305L-P08-R Datasheet HTML 3Page - Unisonic Technologies U74CB3Q3305L-P08-R Datasheet HTML 4Page - Unisonic Technologies U74CB3Q3305L-P08-R Datasheet HTML 5Page - Unisonic Technologies U74CB3Q3305L-P08-R Datasheet HTML 6Page - Unisonic Technologies U74CB3Q3305L-P08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
U74CB3Q3305
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 7
www.unisonic.com.tw
QW-R502-D261.a
PIN CONFIGURATION
PIN CONFIGURATION
PIN No
SYMBOL
TYPE
DESCRIPTION
1
1OE
I
Output Enable for Switch 1
2
1A
I/O
Channel 1A Port
3
1B
I/O
Channel 1B Port
4
GND
P
Ground
5
2A
I/O
Channel 2A Port
6
2B
I/O
Channel 2B Port
7
2OE
I
Output Enable for Switch 2
8
VCC
P
Power Supply
Note: I=Input, O=Output, I/O=Input and Output, P=Power.
FUNCTION TABLE (Each Bus Switch)
INPUT( ΟΕ )
INPUT(A)
FUNCTION
H
B
A Port = B Port
L
Z
Disconnect
Note: H: HIGH Voltage Level; L: LOW Voltage Level; Z=High-Impedance OFF-State.
LOGIC DIAGRAM (Positive Logic)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com