Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74CB3Q3305L-P08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74CB3Q3305L-P08-R
Description  DUAL FET BUS SWITCH 2.5V OR 3.3V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74CB3Q3305L-P08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74CB3Q3305L-P08-R Datasheet HTML 1Page - Unisonic Technologies U74CB3Q3305L-P08-R Datasheet HTML 2Page - Unisonic Technologies U74CB3Q3305L-P08-R Datasheet HTML 3Page - Unisonic Technologies U74CB3Q3305L-P08-R Datasheet HTML 4Page - Unisonic Technologies U74CB3Q3305L-P08-R Datasheet HTML 5Page - Unisonic Technologies U74CB3Q3305L-P08-R Datasheet HTML 6Page - Unisonic Technologies U74CB3Q3305L-P08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
U74CB3Q3305
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R502-D261.a
ABSOLUTE MAXIMUM RATINGS
Over recommended operating free-air temperature range (Unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
RATINGS
UNIT
Supply Voltage
VCC
-0.5 ~ 4.6
V
Input Voltage
VIN
-0.5 ~ 7
V
Switch I/O Voltage Range
VI/O
-0.5 ~ 7
V
Input Clamp Current
IIK
VIN <0V
-50
mA
I/O Port Clamp Current
II/OK
VOUT <0V
-50
mA
ON-State Switch Current
II/O
±64
mA
Continuous Current Through VCC or
GND
±100
mA
Junction Temperature
TJ
+150
°C
Storage Temperature Range
TSTG
-55 ~ +150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. VI and VO are used to denote specific conditions for VI/O.
3. II and IO are used to denote specific conditions for II/O.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Supply Voltage
VCC
2.3
3.6
V
Switch I/O Voltage Range
VI/O
05.5
V
Operating Temperature
TA
-40
+125
°C
ELECTRICAL CHARACTERISTICS
Over recommended operating free-air temperature range (Unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
High-Level Input Voltage
VIH
VCC=2.3V~2.7V
1.7
V
VCC=2.7V~3.6V
2.0
V
Low-Lever Output Voltage
VIL
VCC=2.3V~2.7V
0.7
V
VCC=2.7V~3.6V
0.8
V
Clamp Diode Voltage
VIK
VCC=3.6V, II=-18mA
-1.8
V
Input Current
Control
Inputs
IIN
VCC=3.6V, VOUT=0~5.5V
±1
μA
Output OFF-state current
(Note 3)
IOZ
VCC=3.6V, VOUT=0~5.5V, VIN=0, Switch
OFF, VIN=VCC or GND
±1
μA
OFF-state output current
IOFF
VCC=0, VOUT=0~5.5V, VIN=0
1
μA
Quiescent Supply Current
ICC
VCC=3.6V, IIO=0, Switch ON or OFF,
VIN=VCC or GND
0.25
0.7
mA
Additional
Quiescent
Supply Current
Per Input Pin
Control
Inputs
ΔICC
(Note 4)
VCC=3.6V, One Input at 3V, Other
Inputs at VCC or GND
25
μA
Per
Control
Input
ICCD
(Note 5)
VCC=3.6V, A and B Ports Open, Control
Input Switching at 50% duty cycle
0.04
0.045
mA/
MHz
Input
Capacitance
Control
Inputs
CIN
VCC=3.3V, VIN=5.5V, 3.3V, 0
2.5
3.5
pF
OFF Output Capacitance
CIO(OFF)
VCC=3.3V, Switch OFF, VIN=VCC or
GND, VI/O=5.5V, 3.3V, 0
3.5
5.0
pF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com