Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74CB3Q3305L-P08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74CB3Q3305L-P08-R
Description  DUAL FET BUS SWITCH 2.5V OR 3.3V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74CB3Q3305L-P08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74CB3Q3305L-P08-R Datasheet HTML 1Page - Unisonic Technologies U74CB3Q3305L-P08-R Datasheet HTML 2Page - Unisonic Technologies U74CB3Q3305L-P08-R Datasheet HTML 3Page - Unisonic Technologies U74CB3Q3305L-P08-R Datasheet HTML 4Page - Unisonic Technologies U74CB3Q3305L-P08-R Datasheet HTML 5Page - Unisonic Technologies U74CB3Q3305L-P08-R Datasheet HTML 6Page - Unisonic Technologies U74CB3Q3305L-P08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74CB3Q3305
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 7
Copyright © 2024 Unisonic Technologies Co., Ltd
QW-R502-D261.a
DUAL FET BUS SWITCH 2.5V
OR 3.3V LOW-VOLTAGE
HIGH-BANDWIDTH BUS
SWITCH
DESCRIPTION
The U74CB3Q3305 device is a high-bandwidth FET bus switch
using a charge pump to elevate the gate voltage of the pass
transistor, providing a low and flat ON-state resistance (RON). The
low and flat ON-state resistance allows for minimal propagation
delay and supports switching input voltage beyond the supply on the
data input/output (I/O) ports. The device also features low data I/O
capacitance to minimize capacitive loading and signal distortion on
the data bus. Specifically designed to support high-bandwidth
applications, the U74CB3Q3305 device provides an optimized
interface solution ideally suited for broadband communications,
networking, and data-intensive computing systems.
This device is fully specified for partial-power-down applications
using IOFF. The IOFF circuitry prevents damaging current backflow
through the device when it is powered down. The device has
isolation during power off
To ensure the high-impedance state during power up or power
down, OE should be tied to GND through a pull down resistor; the
minimum value of the resistor is determined by the current-sourcing
capability of the driver.
FEATURES
* Operation Voltage Range: 2.3 ~ 3.6V
* Low power consumption, 0.25mA Typ. ICC
* High-bandwidth data path (up to 500 MHz)
* 5V tolerant I/Os with device powered up or powered down
* Low and flat ON-state resistance (ron) characteristics over operating range (Ron = 3.5Ω typical)
* Supports input voltage beyond supply on data I/O ports
0 to 5V switching with 3.3V VCC
0 to 3.3V switching with 2.5V VCC
* Data I/Os support 0 to 5 V signaling levels (0.8V, 1.2V, 1.5V, 1.8V, 2.5V, 3.3V, and 5V)
* Control inputs can be driven by TTL or 5V/3.3V CMOS outputs
* IOFF supports partial-power-down mode operation


Similar Part No. - U74CB3Q3305L-P08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74CB3Q3257 UTC-U74CB3Q3257 Datasheet
230Kb / 9P
4-BIT 1 OF 2 FET MULTIPLEXER/DEMULTIPLEXER 2.5V-/3.3V LOW-VOLTAGE HIGH BANDWIDTH BUS SWITCH
U74CB3Q3257L-P16-R UTC-U74CB3Q3257L-P16-R Datasheet
230Kb / 9P
4-BIT 1 OF 2 FET MULTIPLEXER/DEMULTIPLEXER 2.5V-/3.3V LOW-VOLTAGE HIGH BANDWIDTH BUS SWITCH
More results

Similar Description - U74CB3Q3305L-P08-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CB3Q6800 TI-SN74CB3Q6800 Datasheet
190Kb / 11P
10 BIT FET BUS SWITCH WITH PRECHAGED OUTPUTS 2.5V/3.3V LOW VOLTAGE HIGH BANDWIDTH BUS SWITCH
SN74CB3Q3305 TI-SN74CB3Q3305 Datasheet
131Kb / 10P
DUAL FET BUS SWITCH 2.5V/3.3V LOW VOLTAGE HIGH BANDWIDTH BUS SWITCH
SN74CB3Q3345 TI-SN74CB3Q3345 Datasheet
225Kb / 11P
8 BIT FET BUS SWITCH 2.5V/3.3V LOW VOLTAGE HIGH BANDWIDTH BUS SWITCH
SN74CB3Q3244 TI-SN74CB3Q3244 Datasheet
559Kb / 17P
8 BIT FET BUS SWITCH 2.5V/3.3 V LOW VOLTAGE HIGH BANDWIDTH BUS SWITCH
logo
Integrated Device Techn...
IDTQS32XVH245 IDT-IDTQS32XVH245 Datasheet
83Kb / 8P
2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
logo
Texas Instruments
SN74CB3Q16211 TI-SN74CB3Q16211 Datasheet
274Kb / 12P
24 BIT SWITCH 2.5V 3.3V VOLTAGE FET BUS SWITCH
logo
Integrated Device Techn...
IDTQS32XVH384 IDT-IDTQS32XVH384_11 Datasheet
270Kb / 8P
2.5V/3.3V 20-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS32XVH2245 IDT-IDTQS32XVH2245_11 Datasheet
268Kb / 8P
2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS3VH16211 IDT-IDTQS3VH16211_13 Datasheet
244Kb / 8P
2.5V / 3.3V 24-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS3VH16212 IDT-IDTQS3VH16212_13 Datasheet
262Kb / 8P
2.5V / 3.3V 24-BIT BUS EXCHANGE HIGH BANDWIDTH BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com