Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74CB3Q3257L-P16-R Datasheet (PDF) - Unisonic Technologies

U74CB3Q3257L-P16-R Datasheet PDF - Unisonic Technologies
Part # U74CB3Q3257L-P16-R
Download  U74CB3Q3257L-P16-R Download
File Size   230.22 Kbytes
Page   9 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 4-BIT 1 OF 2 FET MULTIPLEXER/DEMULTIPLEXER 2.5V-/3.3V LOW-VOLTAGE HIGH BANDWIDTH BUS SWITCH

U74CB3Q3257L-P16-R Datasheet (PDF)

Go To PDF Page Download Datasheet
U74CB3Q3257L-P16-R Datasheet PDF - Unisonic Technologies

Part # U74CB3Q3257L-P16-R
Download  U74CB3Q3257L-P16-R Click to download

File Size   230.22 Kbytes
Page   9 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 4-BIT 1 OF 2 FET MULTIPLEXER/DEMULTIPLEXER 2.5V-/3.3V LOW-VOLTAGE HIGH BANDWIDTH BUS SWITCH

U74CB3Q3257L-P16-R Datasheet (HTML) - Unisonic Technologies


U74CB3Q3257L-P16-R Product details

 DESCRIPTION
The U74CB3Q3257 device is a high-bandwidth FET bus switch
utilizing a charge pump to elevate the gate voltage of the pass
transistor, providing a low and flat ON-state resistance (RON).

 EATURES
* High-Bandwidth Data Path(up to 500MHz)
* 5V Tolerant I/Os With Device Powered Up or Powered
Down
* Low and Flat ON-State Resistance (RON) Characteristics
Over Operating Range (RON =4Ω Typ.)
* Rail-to-Rail Switching on Data I/O Ports
–0-to 5-V Switching With 3.3-V VCC
–0-to 3.3-V Switching With 2.5-V VCC
* Bidirectional Data Flow With Near-Zero Propagation Delay
* Low Input / Output Capacitance Minimizes Loading and
Signal Distortion
* Fast Switching Frequency (fOE=20MHz Max)
* Data and Control Inputs Provide Undershoot Clamp
Diodes
* Low Power Consumption (ICC=1mA Typical)
* VCC Operating Range From 2.3V to 3.6V
* Data I/Os Support 0 to 5V Signaling Levels
(0.8V,1.2V,1.5V,1.8V,2.5V,3.3V,5V)
* Control Inputs Can Be Driven by TTL or 5-V/3.3-V
CMOS Outputs
* Ioff Supports Partial-Power-Down Mode Operation
* Latch-Up Performance Exceeds100mA Per JESD
78, Class II
* Supports Both Digital and Analog Applications :PCI
Interface, Differential Signal Interface, Memory
Interleaving, Bus Isolation, Low-Distortion Signal
Gating




Similar Part No. - U74CB3Q3257L-P16-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74CB3Q3305 UTC-U74CB3Q3305 Datasheet
254Kb / 7P
DUAL FET BUS SWITCH 2.5V OR 3.3V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
U74CB3Q3305L-P08-R UTC-U74CB3Q3305L-P08-R Datasheet
254Kb / 7P
DUAL FET BUS SWITCH 2.5V OR 3.3V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
More results


Similar Description - U74CB3Q3257L-P16-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5N214 TI-TS5N214 Datasheet
256Kb / 15P
2-BIT 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER HIGH-BANDWIDTH BUS SWITCH
TS5N412 TI-TS5N412 Datasheet
239Kb / 15P
4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER HIGH-BANDWIDTH BUS SWITCH
TS5N118 TI-TS5N118 Datasheet
294Kb / 16P
1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3257 TI-SN74CB3Q3257_08 Datasheet
691Kb / 18P
4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
TS5N118 TI-TS5N118_1 Datasheet
453Kb / 17P
1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3257 TI-SN74CB3Q3257_10 Datasheet
509Kb / 17P
4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
TS5N214 TI-TS5N214_10 Datasheet
453Kb / 18P
2-BIT 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER HIGH-BANDWIDTH BUS SWITCH
TS5N412 TI-TS5N412_10 Datasheet
453Kb / 18P
4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER HIGH-BANDWIDTH BUS SWITCH
TS5N118_101 TI-TS5N118_101 Datasheet
500Kb / 18P
1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER HIGH-BANDWIDTH BUS SWITCH
SN74CBTLV3257RSVR TI1-SN74CBTLV3257RSVR Datasheet
1Mb / 23P
Low-Voltage 4-Bit 1-of-2 FET Multiplexer/Demultiplexer
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com