Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74CB3Q3257L-P16-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # U74CB3Q3257L-P16-R
Description  4-BIT 1 OF 2 FET MULTIPLEXER/DEMULTIPLEXER 2.5V-/3.3V LOW-VOLTAGE HIGH BANDWIDTH BUS SWITCH
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74CB3Q3257L-P16-R Datasheet(HTML) 6 Page - Unisonic Technologies

  U74CB3Q3257L-P16-R Datasheet HTML 1Page - Unisonic Technologies U74CB3Q3257L-P16-R Datasheet HTML 2Page - Unisonic Technologies U74CB3Q3257L-P16-R Datasheet HTML 3Page - Unisonic Technologies U74CB3Q3257L-P16-R Datasheet HTML 4Page - Unisonic Technologies U74CB3Q3257L-P16-R Datasheet HTML 5Page - Unisonic Technologies U74CB3Q3257L-P16-R Datasheet HTML 6Page - Unisonic Technologies U74CB3Q3257L-P16-R Datasheet HTML 7Page - Unisonic Technologies U74CB3Q3257L-P16-R Datasheet HTML 8Page - Unisonic Technologies U74CB3Q3257L-P16-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
U74CB3Q3257
Advance
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 9
www.unisonic.com.tw
QW-R502-D36.a
DETAILED DESCRIPTION
Overview
The UTC U74CB3Q3257 device is a high-bandwidth FET bus switch using a charge pump to elevate the gate
voltage of the pass transistor, providing a low and flat ON-state resistance (ron). The low and flat ON-state
resistance allows for minimal propagation delay and supports rail-to-rail switching on the data input/output (I/O) ports.
The device also features low data I/O capacitance to minimize capacitive loading and signal distortion on the data
bus. Specifically designed to support high-bandwidth applications, The UTC U74CB3Q3257 device provides an
optimized interface solution ideally suited for broadband communications, networking, and data-intensive computing
systems.
The UTC U74CB3Q3257 device is organized as two1-of-4 multiplexers/ demultiplexers with separate
output-enable(1OE,2OE)inputs. The select (S0, S1) inputs control the data path of each multiplexer/demultiplexer.
When OE is low, the associated multiplexer/ demultiplexer is enabled, and the A port is connected to the B port,
allowing bidirectional data flow between ports. When OE is high, the associated multiplexer/demultiplexer is disabled,
and a high-impedance state exists between the A and B ports.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry prevents damaging
current back flow through the device when it is powered down. The device has isolation during power off.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pull up
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
FEATURE DESCRIPTION
The UTC U74CB3Q3257 device has a high-bandwidth data path(up to 500MHz) and has 5Vtolerant I/Os with the
device powered up or powered down. It also has low and flat ON-state resistance (RON) characteristics over
operating range (RON =4Ω Typ.).
This device also has rail-to-rail switching on data I/O ports for 0 to 5V switching with 3.3V VCC and 0 to 3.3V
switching with 2.5V VCC as well as bidirectional data flow with near-zero propagation delay and low input/output
capacitance that minimizes loading and signal distortion (CIO(OFF)=3.5pF Typ.).
The UTC U74CB3Q3257 also provides a fast switching frequency (fOE=20MHz Max.)with data and control inputs
that provide undershoot clamp diodes as well as low power consumption (ICC=0.6mA Typ.).
The VCC operating range is from 2.3V to 3.6V and the data I/Os support 0 to 5V signal levels of (0.8V, 0.2V,1.5V,
1.8V, 2.5V, 3.3V, 5V).
The control inputs can be driven by TTL or 5V/3.3V CMOS outputs as well as Ioff Supports Partial-Power-Down
Mode Operation
DEVICE FUNCTIONAL MODES
INPUTS
INPUT/OUTPUT
A
FUNCTION
OE
S
L
L
B1
A port = B1 port
L
H
B2
A port = B2 port
H
X
Hi-Z
Disconnect
Note: H=High Voltage Level, L=Low Voltage Level, Hi-Z: High-Impedance.
APPLICATION INFORMATION
The UTC U74CB3Q3257 can be used to multiplex and demultiplex up to 4 channels simultaneously in a 2:1
configuration. The application shown here is a4-bit bus being multiplexed between two devices. the OE and S pins
are used to control the chip from the bus controller. This is a very generic example, and could apply to many
situations. If an application requires less than 4 bits, be sure to tie the Aside to either high or low on unused
channels.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com