Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74CB3Q3257L-P16-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # U74CB3Q3257L-P16-R
Description  4-BIT 1 OF 2 FET MULTIPLEXER/DEMULTIPLEXER 2.5V-/3.3V LOW-VOLTAGE HIGH BANDWIDTH BUS SWITCH
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74CB3Q3257L-P16-R Datasheet(HTML) 5 Page - Unisonic Technologies

  U74CB3Q3257L-P16-R Datasheet HTML 1Page - Unisonic Technologies U74CB3Q3257L-P16-R Datasheet HTML 2Page - Unisonic Technologies U74CB3Q3257L-P16-R Datasheet HTML 3Page - Unisonic Technologies U74CB3Q3257L-P16-R Datasheet HTML 4Page - Unisonic Technologies U74CB3Q3257L-P16-R Datasheet HTML 5Page - Unisonic Technologies U74CB3Q3257L-P16-R Datasheet HTML 6Page - Unisonic Technologies U74CB3Q3257L-P16-R Datasheet HTML 7Page - Unisonic Technologies U74CB3Q3257L-P16-R Datasheet HTML 8Page - Unisonic Technologies U74CB3Q3257L-P16-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
U74CB3Q3257
Advance
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 9
www.unisonic.com.tw
QW-R502-D36.a
SWITCHING CHARACTERISTICS (Unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
From input ( OE or S) to output
(A or B)
F OE , FS
VCC=2.3V~2.7V
10
MHz
VCC=3V~3.6V
20
MHz
From input (S) to output
(B or A)
tpd ( tPLH/tPHL )
VCC=2.3V~2.7V
1.5
10.9
ns
VCC=3V~3.6V
1.5
7.8
ns
From input ( OE ) to output
(A or B)
ten ( tPZL/tPZH )
VCC=2.3V~2.7V
1.5
9.9
ns
VCC=3V~3.6V
1.5
7.8
ns
From input (S) to output
(B or A)
VCC=2.3V~2.7V
1.5
10.5
ns
VCC=3V~3.6V
1.5
8.1
ns
From input ( OE ) to output
(A or B)
tdis ( tPLZ/tPHZ )
VCC=2.3V~2.7V
1
10.1
ns
VCC=3V~3.6V
1
7.5
ns
From input (S) to output
(B or A)
VCC=2.3V~2.7V
1
11.1
ns
VCC=3V~3.6V
1
7.8
ns



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com