Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74CB3Q3257L-P16-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74CB3Q3257L-P16-R
Description  4-BIT 1 OF 2 FET MULTIPLEXER/DEMULTIPLEXER 2.5V-/3.3V LOW-VOLTAGE HIGH BANDWIDTH BUS SWITCH
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74CB3Q3257L-P16-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74CB3Q3257L-P16-R Datasheet HTML 1Page - Unisonic Technologies U74CB3Q3257L-P16-R Datasheet HTML 2Page - Unisonic Technologies U74CB3Q3257L-P16-R Datasheet HTML 3Page - Unisonic Technologies U74CB3Q3257L-P16-R Datasheet HTML 4Page - Unisonic Technologies U74CB3Q3257L-P16-R Datasheet HTML 5Page - Unisonic Technologies U74CB3Q3257L-P16-R Datasheet HTML 6Page - Unisonic Technologies U74CB3Q3257L-P16-R Datasheet HTML 7Page - Unisonic Technologies U74CB3Q3257L-P16-R Datasheet HTML 8Page - Unisonic Technologies U74CB3Q3257L-P16-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
U74CB3Q3257
Advance
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 9
www.unisonic.com.tw
QW-R502-D36.a
ABSOLUTE MAXIMUM RATING (unless otherwise specified)(Note 1)
PARAMETER
SYMBOL
TEST CONDITIONS
RATINGS
UNIT
Supply Voltage
VCC
-0.5 ~ 4.6
V
Input Voltage
VIN
-0.5 ~ 7
V
Switch I/O voltage range
VI/O
-0.5 ~ 7
V
Input Clamp Current
IIK
VIN<0V
-50
mA
I/O Port Clamp Current
II/OK
VI/O<0V
-50
mA
On state switch current
IIO
±64
mA
Continuous current through
VCC or GND
±100
mA
Storage Temperature Range
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING COMDITIONS (Unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Supply Voltage
VCC
2.3
3.6
V
Input / Output Voltage
VI/O
0
5.5
V
Operating Temperature
TA
-40
+125
°C
ELECTRICAL CHARACTERISTICS (Unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
(Note 2)
MAX UNIT
High-Level Input Voltage
VIH
VCC=2.3V~2.7V
1.7
5.5
V
VCC=2.7V~3.6V
2
5.5
V
Low-Level Input Voltage
VIL
VCC=2.3V~2.7V
0
0.7
V
VCC=2.7V~3.6V
0
0.8
V
Input Clamping Voltage
VIK
VCC=3.6V, II= -18mA
-1.8
V
Input Leakage Current
IIN
VCC=3.6V, VIN = 0~5.5V
-1
1
μA
Power OFF Leakage Current
IOFF
VO=0~5.5V, VCC=0V, VI=0V
1
μA
Output OFF-State Current
IOZ
VCC=3.6V, VO=0V~5.5V, VI=0,
VIN=VCC or GND, Switch Off
-1
1
μA
Quiescent Supply Current
ICC
VIN=VCC or GND, II/O=0A, VCC=3.6V,
Switch ON or OFF
1
2
mA
Additional Supply Current
ΔICC
VCC=3.6V, one input at 3V,other inputs at
VCC or GND
30
μA
Input Capacitance
CIN
VCC=3.3V, VIN=5.5V, 3.3V, 0
2.5
3.5
pF
OFF-State Capacitance
CIO(OFF)
VCCA=3.3V, VIN=5.5V, 3.3V, 0
VIN=VCC or GND, Switch OFF
3.5
5
pF
ON-State Capacitance
CIO(ON)
VCCA=3.3V, VIN=5.5V, 3.3V, 0
VIN=VCC or GND, Switch ON
9
11
pF
ON Resistane
RON
VCC=2.3V
VI=0, IO=30mA
4
8
Ω
VI=1.7, IO=-15mA
4
9
Ω
VCC=3V
VI=0, IO=30mA
4
6
Ω
VI=2.4, IO=-15mA
4
8
Ω
Notes: 1. VIN and IIN refer to control inputs. VI, VO, II, and IO refer to data pins.
2. All typical values are at VCC=3.3V (unless otherwise noted), TA=25°C.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com