Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74CB3Q3257L-P16-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74CB3Q3257L-P16-R
Description  4-BIT 1 OF 2 FET MULTIPLEXER/DEMULTIPLEXER 2.5V-/3.3V LOW-VOLTAGE HIGH BANDWIDTH BUS SWITCH
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74CB3Q3257L-P16-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74CB3Q3257L-P16-R Datasheet HTML 1Page - Unisonic Technologies U74CB3Q3257L-P16-R Datasheet HTML 2Page - Unisonic Technologies U74CB3Q3257L-P16-R Datasheet HTML 3Page - Unisonic Technologies U74CB3Q3257L-P16-R Datasheet HTML 4Page - Unisonic Technologies U74CB3Q3257L-P16-R Datasheet HTML 5Page - Unisonic Technologies U74CB3Q3257L-P16-R Datasheet HTML 6Page - Unisonic Technologies U74CB3Q3257L-P16-R Datasheet HTML 7Page - Unisonic Technologies U74CB3Q3257L-P16-R Datasheet HTML 8Page - Unisonic Technologies U74CB3Q3257L-P16-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74CB3Q3257
Advance
CMOS IC
www.unisonic.com.tw
1 of 9
Copyright © 2021 Unisonic Technologies Co., Ltd
QW-R502-D36.a
4-BIT 1 OF 2 FET
MULTIPLEXER/DEMULTIPLEXER
2.5V-/3.3V LOW-VOLTAGE HIGH
BANDWIDTH BUS SWITCH
DESCRIPTION
The U74CB3Q3257 device is a high-bandwidth FET bus switch
utilizing a charge pump to elevate the gate voltage of the pass
transistor, providing a low and flat ON-state resistance (RON).
EATURES
* High-Bandwidth Data Path(up to 500MHz)
* 5V Tolerant I/Os With Device Powered Up or Powered
Down
* Low and Flat ON-State Resistance (RON) Characteristics
Over Operating Range (RON =4Ω Typ.)
* Rail-to-Rail Switching on Data I/O Ports
–
0-to 5-V Switching With 3.3-V VCC
–
0-to 3.3-V Switching With 2.5-V VCC
* Bidirectional Data Flow With Near-Zero Propagation Delay
* Low Input / Output Capacitance Minimizes Loading and
Signal Distortion
* Fast Switching Frequency (fOE=20MHz Max)
* Data and Control Inputs Provide Undershoot Clamp
Diodes
* Low Power Consumption (ICC=1mA Typical)
* VCC Operating Range From 2.3V to 3.6V
* Data I/Os Support 0 to 5V Signaling Levels
(0.8V,1.2V,1.5V,1.8V,2.5V,3.3V,5V)
* Control Inputs Can Be Driven by TTL or 5-V/3.3-V
CMOS Outputs
* Ioff Supports Partial-Power-Down Mode Operation
* Latch-Up Performance Exceeds100mA Per JESD
78, Class II
* Supports Both Digital and Analog Applications :PCI
Interface, Differential Signal Interface, Memory
Interleaving, Bus Isolation, Low-Distortion Signal
Gating
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
U74CB3Q3257L-P16-R
U74CB3Q3257G-P16-R
TSSOP-16
Tape Reel
(1) R: Tape Reel
(2) P16: TSSOP-16
(3) G: Halogen Free and Lead Free, L: Lead Free
U74CB3Q3257G-P16-R
(1)Packing Type
(2) Package Type
(3) Green Package


Similar Part No. - U74CB3Q3257L-P16-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74CB3Q3305 UTC-U74CB3Q3305 Datasheet
254Kb / 7P
DUAL FET BUS SWITCH 2.5V OR 3.3V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
U74CB3Q3305L-P08-R UTC-U74CB3Q3305L-P08-R Datasheet
254Kb / 7P
DUAL FET BUS SWITCH 2.5V OR 3.3V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
More results

Similar Description - U74CB3Q3257L-P16-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5N214 TI-TS5N214 Datasheet
256Kb / 15P
2-BIT 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER HIGH-BANDWIDTH BUS SWITCH
TS5N412 TI-TS5N412 Datasheet
239Kb / 15P
4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER HIGH-BANDWIDTH BUS SWITCH
TS5N118 TI-TS5N118 Datasheet
294Kb / 16P
1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3257 TI-SN74CB3Q3257_08 Datasheet
691Kb / 18P
4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
TS5N118 TI-TS5N118_1 Datasheet
453Kb / 17P
1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3257 TI-SN74CB3Q3257_10 Datasheet
509Kb / 17P
4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
TS5N214 TI-TS5N214_10 Datasheet
453Kb / 18P
2-BIT 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER HIGH-BANDWIDTH BUS SWITCH
TS5N412 TI-TS5N412_10 Datasheet
453Kb / 18P
4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER HIGH-BANDWIDTH BUS SWITCH
TS5N118_101 TI-TS5N118_101 Datasheet
500Kb / 18P
1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER HIGH-BANDWIDTH BUS SWITCH
SN74CBTLV3257RSVR TI1-SN74CBTLV3257RSVR Datasheet
1Mb / 23P
Low-Voltage 4-Bit 1-of-2 FET Multiplexer/Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com