Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74CB3Q3257L-P16-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # U74CB3Q3257L-P16-R
Description  4-BIT 1 OF 2 FET MULTIPLEXER/DEMULTIPLEXER 2.5V-/3.3V LOW-VOLTAGE HIGH BANDWIDTH BUS SWITCH
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74CB3Q3257L-P16-R Datasheet(HTML) 2 Page - Unisonic Technologies

  U74CB3Q3257L-P16-R Datasheet HTML 1Page - Unisonic Technologies U74CB3Q3257L-P16-R Datasheet HTML 2Page - Unisonic Technologies U74CB3Q3257L-P16-R Datasheet HTML 3Page - Unisonic Technologies U74CB3Q3257L-P16-R Datasheet HTML 4Page - Unisonic Technologies U74CB3Q3257L-P16-R Datasheet HTML 5Page - Unisonic Technologies U74CB3Q3257L-P16-R Datasheet HTML 6Page - Unisonic Technologies U74CB3Q3257L-P16-R Datasheet HTML 7Page - Unisonic Technologies U74CB3Q3257L-P16-R Datasheet HTML 8Page - Unisonic Technologies U74CB3Q3257L-P16-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
U74CB3Q3257
Advance
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 9
www.unisonic.com.tw
QW-R502-D36.a
MARKING
PIN CONFIGURATION
4
3
2
14
13
15
16
1B1
S
1B2
1A
OE
VCC
4B2
4B1
1
7
6
512
11
10
2A
2B1
3A
GND
3B1
4A
8
2B2
9
3B2
PIN DESCRIPTION
PIN NO.
PIN NAME
I/O
DESCRIPTION
1
S
I
Select PIN
4,7,9,12
An
I/O
Input/output An.
8
GND
Ground
2,3,5,6,10,
11,13,14
Bn
I/O
Input/output Bn
15
OE
I
Output enable (Active Low)
16
VCC
supply voltage



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com