Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74CB3Q3257L-P16-R Datasheet(PDF) 8 Page - Unisonic Technologies

Part # U74CB3Q3257L-P16-R
Description  4-BIT 1 OF 2 FET MULTIPLEXER/DEMULTIPLEXER 2.5V-/3.3V LOW-VOLTAGE HIGH BANDWIDTH BUS SWITCH
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74CB3Q3257L-P16-R Datasheet(HTML) 8 Page - Unisonic Technologies

  U74CB3Q3257L-P16-R Datasheet HTML 1Page - Unisonic Technologies U74CB3Q3257L-P16-R Datasheet HTML 2Page - Unisonic Technologies U74CB3Q3257L-P16-R Datasheet HTML 3Page - Unisonic Technologies U74CB3Q3257L-P16-R Datasheet HTML 4Page - Unisonic Technologies U74CB3Q3257L-P16-R Datasheet HTML 5Page - Unisonic Technologies U74CB3Q3257L-P16-R Datasheet HTML 6Page - Unisonic Technologies U74CB3Q3257L-P16-R Datasheet HTML 7Page - Unisonic Technologies U74CB3Q3257L-P16-R Datasheet HTML 8Page - Unisonic Technologies U74CB3Q3257L-P16-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
U74CB3Q3257
Advance
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
8 of 9
www.unisonic.com.tw
QW-R502-D36.a
TEST CIRCUIT AND WAVEFORMS
Note: CL includes probe and jig capacitance.
TEST
VCC
S1
RL
VI
CL
VΔ
tPD
2.5V±0.2V
Open
500Ω
VCC or GND
30pF
3.3V±0.3V
Open
500Ω
VCC or GND
50pF
tPLZ / tPZL
2.5V±0.2V
2×VCC
500Ω
GND
30pF
0.15V
3.3V±0.3V
2×VCC
500Ω
GND
50pF
0.3V
tPHZ / tPZH
2.5V±0.2V
GND
500Ω
VCC
30pF
0.15V
3.3V±0.3V
GND
500Ω
VCC
50pF
0.3V
Notes: 1. Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by
the output control.
Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the
output control.
3. All input pulses are supplied by generators having the following characteristics: PRR ≤ 10MHz, ZO=50Ω,
tr ≤ 2.5 ns, tf ≤ 2.5 ns.
4. The outputs are measured one at a time, with one transition per measurement.
5. tPLZ and tPHZ are the same as tdis.
6. tPZL and tPZH are the same as ten.
7. tPLH and tPHL are the same as tPD(s). The tpd propagation delay is the calculated RC time constant of the
typical ON-state resistance of the switch and the specified load capacitance, when driven by an ideal
voltage source (zero output impedance).
8. All parameters and waveforms are not applicable to all devices.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com