Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC16244L-P48-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74LVC16244L-P48-R
Description  16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC16244L-P48-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74LVC16244L-P48-R Datasheet HTML 1Page - Unisonic Technologies U74LVC16244L-P48-R Datasheet HTML 2Page - Unisonic Technologies U74LVC16244L-P48-R Datasheet HTML 3Page - Unisonic Technologies U74LVC16244L-P48-R Datasheet HTML 4Page - Unisonic Technologies U74LVC16244L-P48-R Datasheet HTML 5Page - Unisonic Technologies U74LVC16244L-P48-R Datasheet HTML 6Page - Unisonic Technologies U74LVC16244L-P48-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
U74LVC16244
Advance
CMOS IC
UNISONIC TECHNOLOGIES CO., LTD
4 of 7
www.unisonic.com.tw
QW-R126-073.a
ABSOLUTE MAXIMUM RATINGS (T
A=25°C , unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
RATINGS
UNIT
Supply Voltage
VCC
-0.5 ~ 6.5
V
Input Voltage
VIN
-0.5 ~ 6.5
V
Output Voltage
VOUT
Output in high-impedance or
power-off state
-0.5 ~ 6.5
V
Output in high or low state
-0.5 ~ VCC+0.5
V
Input Clamp Current
IIK
VI<0
-50
mA
Output Clamp Current
IOK
VO<0
-50
mA
Output Current
IOUT
±50
mA
Continuous current through VCC
or GND
ICC
±100
mA
Storage Temperature
TSTG
-65 ~ +150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
RECOMMENDED OPERATING CONDITIONS (T
A=25°C , unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
VCC
Operating
1.65
3.6
V
Data Retention Only
1.5
V
Input Voltage
VIN
0
5.5
V
Output Voltage
VOUT
Active state
0
VCC
V
3-state
0
5.5
High-Level Input Voltage
VIH
VCC=1.65V~1.95V
0.65×VCC
V
VCC=2.3V~2.7V
1.7
V
VCC=2.7V~3.6V
2
Low-Level Input Voltage
VIL
VCC=1.65V~1.95V
0.35×VCC
V
VCC=2.3V~2.7V
0.7
V
VCC=2.7V~3.6V
0.8
V
Operating Temperature
(Note)
TA
-40
+125
°C
Input Transition Rise or Fall Rate
Δt/Δv
10
ns/V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com