Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC16244L-P48-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74LVC16244L-P48-R
Description  16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC16244L-P48-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74LVC16244L-P48-R Datasheet HTML 1Page - Unisonic Technologies U74LVC16244L-P48-R Datasheet HTML 2Page - Unisonic Technologies U74LVC16244L-P48-R Datasheet HTML 3Page - Unisonic Technologies U74LVC16244L-P48-R Datasheet HTML 4Page - Unisonic Technologies U74LVC16244L-P48-R Datasheet HTML 5Page - Unisonic Technologies U74LVC16244L-P48-R Datasheet HTML 6Page - Unisonic Technologies U74LVC16244L-P48-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74LVC16244
Advance
CMOS IC
www.unisonic.com.tw
1 of 7
Copyright © 2020 Unisonic Technologies Co., Ltd
QW-R126-073.a
16-BIT BUFFER/DRIVER WITH
3-STATE OUTPUTS
DESCRIPTION
This 16-bit buffer/driver is designed for 1.65V to 3.6V VCC
operation.
The U74LVC16244A is designed specifically to improve the
performance and density of 3-state memory address drivers,
clock drivers, and bus-oriented receivers and transmitters.
The device can be used as four 4-bit buffers, two 8-bit buffers,
or one 16-bit buffer. It provides true outputs and symmetrical
active-low output-enable ( OE ) inputs.
Inputs can be driven from either 3.3V or 5V devices. This
feature allows the use of this device as a translator in a mixed
3.3V/5V system environment.
This
device
is
fully
specified
for
partial-power-down
applications using IOFF. The IOFF circuitry disables the outputs,
preventing damaging current backflow through the device when it
is powered down.
To ensure the high-impedance state during power up or power
down, OE should be tied to VCC through a pullup resistor; the
minimum value of the resistor is determined by the current-sinking
capability of the driver.
FEATURES
* Wide supply voltage range from 1.65V to 3.6V
* Inputs accept voltages up to 5.5V
* IOFF supports partial-power-down mode
* Low static power consumption; ICC=10μA (Max.)
TSSOP-48
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
U74LVC16244L-P48-R
U74LVC16244G-P48-R
TSSOP-48
Tape Reel
U74LVC16244G-P48-R
(1)Packing Type
(2)Package Type
(1) R: Tape Reel
(2) P48: TSSOP-48
(3) G: Halogen Free and Lead Free, L: Lead Free
(3)Green Package


Similar Part No. - U74LVC16244L-P48-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC125A UTC-U74LVC125A Datasheet
197Kb / 5P
QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
U74LVC125A UTC-U74LVC125A Datasheet
246Kb / 5P
QUADRUPLE BUS BUFFER GATE
U74LVC125AG-P14-R UTC-U74LVC125AG-P14-R Datasheet
197Kb / 5P
QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
U74LVC125AG-P14-R UTC-U74LVC125AG-P14-R Datasheet
231Kb / 5P
QUADRUPLE BUS BUFFER GATE
U74LVC125AG-P14-R UTC-U74LVC125AG-P14-R Datasheet
246Kb / 5P
QUADRUPLE BUS BUFFER GATE
More results

Similar Description - U74LVC16244L-P48-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVCH162244 TI-SN74ALVCH162244 Datasheet
123Kb / 9P
16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH16244 TI-SN74ALVCH16244 Datasheet
138Kb / 9P
16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVCZ16244A TI-SN74LVCZ16244A Datasheet
96Kb / 7P
16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVC16244 HITACHI-HD74ALVC16244 Datasheet
51Kb / 11P
16-bit Buffer / Driver with 3-state Outputs
logo
Texas Instruments
SN74AUC16240 TI-SN74AUC16240 Datasheet
307Kb / 6P
16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC16244A TI-SN74LVC16244A_06 Datasheet
463Kb / 16P
16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALB16244 TI-SN74ALB16244_08 Datasheet
360Kb / 13P
16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC16244A TI-SN74LVC16244A_09 Datasheet
640Kb / 20P
16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC16244A-Q1 TI1-SN74LVC16244A-Q1 Datasheet
125Kb / 8P
16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH16240 TI1-SN74ALVCH16240_14 Datasheet
521Kb / 15P
16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com