Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC16244L-P48-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # U74LVC16244L-P48-R
Description  16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC16244L-P48-R Datasheet(HTML) 6 Page - Unisonic Technologies

  U74LVC16244L-P48-R Datasheet HTML 1Page - Unisonic Technologies U74LVC16244L-P48-R Datasheet HTML 2Page - Unisonic Technologies U74LVC16244L-P48-R Datasheet HTML 3Page - Unisonic Technologies U74LVC16244L-P48-R Datasheet HTML 4Page - Unisonic Technologies U74LVC16244L-P48-R Datasheet HTML 5Page - Unisonic Technologies U74LVC16244L-P48-R Datasheet HTML 6Page - Unisonic Technologies U74LVC16244L-P48-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
U74LVC16244
Advance
CMOS IC
UNISONIC TECHNOLOGIES CO., LTD
6 of 7
www.unisonic.com.tw
QW-R126-073.a
TEST CIRCUIT AND WAVEFORMS
TEST
tPLH/tPHL
tPHZ/tPZH
tPLZ/tPZL
S1
Open
GND
VLOAD
CL
From Output
RL
VLOAD
GND
Open
S1
TEST CIRCUIT
RL
VCC
Inputs
VM
VLOAD
CL
RL
VΔ
VIN
tR, tF
1.8V±0.15V
VCC
≤2ns
VCC/2
2 x VCC
30pF
1K
Ω
0.15V
2.5V±0.2V
VCC
≤2ns
VCC/2
2 x VCC
30pF
500
Ω
0.15V
2.7V
2.7V
≤2.5ns
1.5V
6V
50pF
500
Ω
0.3V
3.3V±0.3V
2.7V
≤2.5ns
1.5V
6V
50pF
500
Ω
0.3V
PROPAGATION DELAY TIMES
VIN
VM
VOL+VΔ
VM
VOH-VΔ
0V
VOH
VLOAD/2
VOL
ENABLE AND DISABLE TIMES
Output
Waveform 1
S1 at 2×VCC
Output
Waveform 2
S1 at GND
Output
Control
tPZL
tPLZ
tPZH
tPHZ
VIN
0V
VM
PULSE DURATION
Input
tW
VM
0V
VM
VM
Timing
Input
VIN
0V
VCC
0V
VM
VM
Data
Input
SETUP AND HOLD TIMES
tSU
th
VM
VM
VIN
0V
VOH
VOL
Input
Output
tPLH
tPHL
tPLH
tPHL
Output
VM
VOH
VOL
VM
VM
VM
VM
Notes: 1. CL includes probe and jig capacitance.
2.
All input pulses are supplied by generators having the following characteristics: PRR ≤10MHz, ZO = 50Ω.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com