Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTXS0102L-CK08-2030-R Datasheet(PDF) 13 Page - Unisonic Technologies

Part # UTXS0102L-CK08-2030-R
Description  2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATION
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTXS0102L-CK08-2030-R Datasheet(HTML) 13 Page - Unisonic Technologies

Back Button UTXS0102L-CK08-2030-R Datasheet HTML 5Page - Unisonic Technologies UTXS0102L-CK08-2030-R Datasheet HTML 6Page - Unisonic Technologies UTXS0102L-CK08-2030-R Datasheet HTML 7Page - Unisonic Technologies UTXS0102L-CK08-2030-R Datasheet HTML 8Page - Unisonic Technologies UTXS0102L-CK08-2030-R Datasheet HTML 9Page - Unisonic Technologies UTXS0102L-CK08-2030-R Datasheet HTML 10Page - Unisonic Technologies UTXS0102L-CK08-2030-R Datasheet HTML 11Page - Unisonic Technologies UTXS0102L-CK08-2030-R Datasheet HTML 12Page - Unisonic Technologies UTXS0102L-CK08-2030-R Datasheet HTML 13Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
UTXS0102
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
13 of 13
www.unisonic.com.tw
QW-R140-034.b
TYPICAL APPLICATION CIRCUIT
1.8V
System
Controller
UTXS0102
3.3V
System
3.3V
0.1µF
0.1µF
1.8V
Data
Data
A1
B1
OE
VCCA
VCCB
GND
A2
B2
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all UTC products described or contained herein.
UTC products are not designed for use in life support appliances, devices or systems where malfunction
of these products can be reasonably expected to result in personal injury. Reproduction in whole or in
part is prohibited without the prior written consent of the copyright owner. UTC reserves the right to
make changes to information published in this document, including without limitation specifications and
product descriptions, at any time and without notice. This document supersedes and replaces all
information supplied prior to the publication hereof.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com