Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTXS0102L-CK08-2030-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # UTXS0102L-CK08-2030-R
Description  2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATION
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTXS0102L-CK08-2030-R Datasheet(HTML) 7 Page - Unisonic Technologies

Back Button UTXS0102L-CK08-2030-R Datasheet HTML 3Page - Unisonic Technologies UTXS0102L-CK08-2030-R Datasheet HTML 4Page - Unisonic Technologies UTXS0102L-CK08-2030-R Datasheet HTML 5Page - Unisonic Technologies UTXS0102L-CK08-2030-R Datasheet HTML 6Page - Unisonic Technologies UTXS0102L-CK08-2030-R Datasheet HTML 7Page - Unisonic Technologies UTXS0102L-CK08-2030-R Datasheet HTML 8Page - Unisonic Technologies UTXS0102L-CK08-2030-R Datasheet HTML 9Page - Unisonic Technologies UTXS0102L-CK08-2030-R Datasheet HTML 10Page - Unisonic Technologies UTXS0102L-CK08-2030-R Datasheet HTML 11Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
UTXS0102
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
7 of 13
www.unisonic.com.tw
QW-R140-034.b
SWITCHING CHARACTERISTICS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Propagation Delay
From Input (A) to Output (B)
Push-Pull
Driving
tPHL
VCCA=1.8V±0.15V
VCCB=2.5V±0.2V
5.3
ns
VCCB=3.3V±0.3V
5.4
ns
VCCB=5V±0.5V
6.8
ns
Open-Drain
Driving
VCCB=2.5V±0.2V
2.3
8.8
ns
VCCB=3.3V±0.3V
2.4
9.6
ns
VCCB=5V±0.5V
2.6
10
ns
Push-Pull
Driving
VCCA=2.5V±0.2V
VCCB=2.5V±0.2V
3.2
ns
VCCB=3.3V±0.3V
3.7
ns
VCCB=5V±0.5V
3.8
ns
Open-Drain
Driving
VCCB=2.5V±0.2V
1.7
6.3
ns
VCCB=3.3V±0.3V
2.0
6.0
ns
VCCB=5V±0.5V
2.1
5.8
ns
Push-Pull
Driving
VCCA=3.3V±0.3V
VCCB=3.3V±0.3V
2.4
ns
VCCB=5V±0.5V
3.1
ns
Open-Drain
Driving
VCCB=3.3V±0.3V
1.3
4.2
ns
VCCB=5V±0.5V
1.4
4.6
ns
Propagation Delay
From Input (B) to Output (A)
Push-Pull
Driving
VCCA=1.8V±0.15V
VCCB=2.5V±0.2V
4.4
ns
VCCB=3.3V±0.3V
4.5
ns
VCCB=5V±0.5V
4.7
ns
Open-Drain
Driving
VCCB=2.5V±0.2V
1.9
5.3
ns
VCCB=3.3V±0.3V
1.1
4.4
ns
VCCB=5V±0.5V
1.2
4.0
ns
Push-Pull
Driving
VCCA=2.5V±0.2V
VCCB=2.5V±0.2V
3.0
ns
VCCB=3.3V±0.3V
3.6
ns
VCCB=5V±0.5V
4.3
ns
Open-Drain
Driving
VCCB=2.5V±0.2V
1.8
4.7
ns
VCCB=3.3V±0.3V
2.6
4.2
ns
VCCB=5V±0.5V
1.2
4.0
ns
Push-Pull
Driving
VCCA=3.3V±0.3V
VCCB=3.3V±0.3V
2.5
ns
VCCB=5V±0.5V
3.3
ns
Open-Drain
Driving
VCCB=3.3V±0.3V
1.0
124
ns
VCCB=5V±0.5V
1.0
97
ns
Propagation Delay
From Input (A) to Output (B)
Push-Pull
Driving
tPLH
VCCA=1.8V±0.15V
VCCB=2.5V±0.2V
6.8
ns
VCCB=3.3V±0.3V
7.1
ns
VCCB=5V±0.5V
7.5
ns
Open-Drain
Driving
VCCB=2.5V±0.2V
45
260
ns
VCCB=3.3V±0.3V
36
208
ns
VCCB=5V±0.5V
27
198
ns
Push-Pull
Driving
VCCA=2.5V±0.2V
VCCB=2.5V±0.2V
3.5
ns
VCCB=3.3V±0.3V
4.1
ns
VCCB=5V±0.5V
4.4
ns
Open-Drain
Driving
VCCB=2.5V±0.2V
43
250
ns
VCCB=3.3V±0.3V
36
206
ns
VCCB=5V±0.5V
27
190
ns
Push-Pull
Driving
VCCA=3.3V±0.3V
VCCB=3.3V±0.3V
4.2
ns
VCCB=5V±0.5V
4.4
ns
Open-Drain
Driving
VCCB=3.3V±0.3V
36
204
ns
VCCB=5V±0.5V
28
165
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com