Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTXS0102L-CK08-2030-R Datasheet(PDF) 8 Page - Unisonic Technologies

Part # UTXS0102L-CK08-2030-R
Description  2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATION
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTXS0102L-CK08-2030-R Datasheet(HTML) 8 Page - Unisonic Technologies

Back Button UTXS0102L-CK08-2030-R Datasheet HTML 4Page - Unisonic Technologies UTXS0102L-CK08-2030-R Datasheet HTML 5Page - Unisonic Technologies UTXS0102L-CK08-2030-R Datasheet HTML 6Page - Unisonic Technologies UTXS0102L-CK08-2030-R Datasheet HTML 7Page - Unisonic Technologies UTXS0102L-CK08-2030-R Datasheet HTML 8Page - Unisonic Technologies UTXS0102L-CK08-2030-R Datasheet HTML 9Page - Unisonic Technologies UTXS0102L-CK08-2030-R Datasheet HTML 10Page - Unisonic Technologies UTXS0102L-CK08-2030-R Datasheet HTML 11Page - Unisonic Technologies UTXS0102L-CK08-2030-R Datasheet HTML 12Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
UTXS0102
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
8 of 13
www.unisonic.com.tw
QW-R140-034.b
SWITCHING CHARACTERISTICS (Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Propagation Delay
From Input (B) to Output (A)
Push-Pull
Driving
tPLH
VCCA=1.8V±0.15V
VCCB=2.5V±0.2V
5.3
ns
VCCB=3.3V±0.3V
4.5
ns
VCCB=5V±0.5V
0.5
ns
Open-Drain
Driving
VCCB=2.5V±0.2V
45
175
ns
VCCB=3.3V±0.3V
36
140
ns
VCCB=5V±0.5V
27
102
ns
Push-Pull
Driving
VCCA=2.5V±0.2V
VCCB=2.5V±0.2V
2.5
ns
VCCB=3.3V±0.3V
1.6
ns
VCCB=5V±0.5V
1.0
ns
Open-Drain
Driving
VCCB=2.5V±0.2V
44
170
ns
VCCB=3.3V±0.3V
37
140
ns
VCCB=5V±0.5V
27
103
ns
Push-Pull
Driving
VCCA=3.3V±0.3V
VCCB=3.3V±0.3V
2.5
ns
VCCB=5V±0.5V
2.6
ns
Open-Drain
Driving
VCCB=3.3V±0.3V
3.0
139
ns
VCCB=5V±0.5V
3.0
105
ns
Enable Time
From Input (OE) to Output (A or B)
ten
VCCA=1.8V±0.15V
VCCB=2.5V±0.2V
200
ns
VCCB=3.3V±0.3V
200
ns
VCCB=5V±0.5V
200
ns
VCCA=2.5V±0.2V
VCCB=2.5V±0.2V
200
ns
VCCB=3.3V±0.3V
200
ns
VCCB=5V±0.5V
200
ns
VCCA=3.3V±0.3V
VCCB=3.3V±0.3V
200
ns
VCCB=5V±0.5V
200
ns
Disable Time
From Input (OE) to Output (A or B)
tdis
VCCA=1.8V±0.15V
VCCB=2.5V±0.2V
50
ns
VCCB=3.3V±0.3V
40
ns
VCCB=5V±0.5V
35
ns
VCCA=2.5V±0.2V
VCCB=2.5V±0.2V
50
ns
VCCB=3.3V±0.3V
40
ns
VCCB=5V±0.5V
35
ns
VCCA=3.3V±0.3V
VCCB=3.3V±0.3V
40
ns
VCCB=5V±0.5V
35
ns
Input Rise Time
(A Port Rise Time)
Push-Pull
Driving
trA
VCCA=1.8V±0.15V
VCCB=2.5V±0.2V
3.2
9.5
ns
VCCB=3.3V±0.3V
2.3
9.3
ns
VCCB=5V±0.5V
2.0
7.6
ns
Open-Drain
Driving
VCCB=2.5V±0.2V
38
165
ns
VCCB=3.3V±0.3V
30
132
ns
VCCB=5V±0.5V
22
95
ns
Push-Pull
Driving
VCCA=2.5V±0.2V
VCCB=2.5V±0.2V
2.8
7.4
ns
VCCB=3.3V±0.3V
2.6
6.6
ns
VCCB=5V±0.5V
1.8
5.6
ns
Open-Drain
Driving
VCCB=2.5V±0.2V
3.0
149
ns
VCCB=3.3V±0.3V
28
121
ns
VCCB=5V±0.5V
24
89
ns
Push-Pull
Driving
VCCA=3.3V±0.3V
VCCB=3.3V±0.3V
2.3
5.6
ns
VCCB=5V±0.5V
1.9
4.8
ns
Open-Drain
Driving
VCCB=3.3V±0.3V
25
116
ns
VCCB=5V±0.5V
19
85
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com