Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DI-21 Datasheet(PDF) 1 Page - Power Integrations, Inc.

Part # DI-21
Description  45 W, Universal Input, LCD Monitor External Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DI-21 Datasheet(HTML) 1 Page - Power Integrations, Inc.

  DI-21 Datasheet HTML 1Page - Power Integrations, Inc. DI-21 Datasheet HTML 2Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.powerint.com
Design Idea DI-21
TOPSwitch-GX 45 W, Universal
Input, LCD Monitor External Adapter
May 2003
DI-21
®
Application
LCD Monitor
TOP247Y
12 V
Power Output
45 W
Input Voltage
Output Voltage
Topology
Device
90-265 VAC
Flyback
Figure 1. TOPSwitch-GX 45 W LCD Monitor Adapter.
Design Highlights
• High efficiency, >82% at 90 VAC
• Low part count solution
• Extremely low EMI – frequency jitter helps meet EN55022B
and FCC B limits with output return grounded
• Low zero load power consumption, <250 mW at 115 VAC
• Line undervoltage detection (UV) and overvoltage (OV)
power system surge protection
• Differential and common mode surge immunity to
4 kV (EN61000-4-5)
• 100 kHz ring wave immunity to 4 kV (IEEE C62.41)
Operation
The design in Figure 1 utilizes the TOP247Y and takes advantage
of many of the device’s features. Line UV and OV (100 V and
450 V, respectively) are implemented using a single 2 M
Ω
resistor (R1). Undervoltage eliminates power-up/down output
glitches and overvoltage provides protection for both short
duration transients and long duration power system surges,
removing the need for an input MOV. Resistor R8 programs the
internal current limit of the TOP247Y to 50% of nominal. The
current limit is further reduced as a function of line voltage
by R4-R6 to provide approximately constant overload power
vs. line.
The larger TOPSwitch-GX selection reduces
conduction losses, raising efficiency (without circuit changes
or increased overload power), and permits a high inductance
design with a small EE30 core for higher efficiency.
Key Design Points
• Nominal UV and OV set points are calculated according
to the equations:
V
UV = (50 µA x R1) + 2.5 V, VOV= (R1 x 225 µA) + 2.9 V
• C2 provides high frequency bypass for high voltage DC
bus, reducing high frequency EMI.
• C3 reduces clamp Zener temperature and increases
efficiency. R18 in series with C3 damps drain ringing.
• Ferrite beads, instead of RC snubbers are used on output
rectifier D7 to reduce zero load power consumption.
• L5 and L6 reduce common mode conducted interference
at high frequencies (>10 MHz).
• T1 shield winding (pins 2-3) reduces EMI. R7 damps
ringing caused by shield capacitive currents.
®
U2
LTV817A
L3
Bead
L4
Bead
U1
TOP247Y
DL
SX
F
C
D1-D4
RL205
2 A, 600 V
D3
D4
D1
D2
GND
90-265
VAC
F1
3.15 A
CX1
330 nF
X2
RT1
5 Ω, 2.8 A
L5
3T Ground Wire
Through Ferrite Bead
L6
1T Through
Ferrite Bead
Note: Beads L3 and L4
are placed on D7
anode leads
C1
100 µF
400 V
C2
20 nF
1 kV
R4-R6
2.7 MΩ
R18
68 Ω
0.5 W
R8
15 kΩ
C6
1 µF
50 V
CY1
2.2 nF
Y1
C3
4.7 nF
1 kV
D5
UF4005
D6
1N4148
C7, C8
680 µF
35 V
C9
220 µF
35 V
C10
100 nF
RTN
12 V, 3.75 A
R7
220 Ω
VR1
P6KE
200
2
PI-3003-051303
TOPSwitch-GX
7, 9
6
5
L
N
C4
100 nF
C5
47 µF
10 V
R9
6.8 Ω
U3
TL431
R14
10 kΩ
1%
R11
1 kΩ
C11
47 nF
C12
22 µF
25 V
L2
3.3 µH, 5 A
D7
MBR20100
R4
R5
R6
t°
CONTROL
CONTROL
10,12
T1
R13
38.3 kΩ
1%
R12
4.7 kΩ
L1
10 mH
1.4 A
R1
2 MΩ
0.5 W
4
3
1
R10
470 Ω


Similar Part No. - DI-21

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DI-20 POWERINT-DI-20 Datasheet
67Kb / 2P
145 W PC Main ATX Supply
DI-22 POWERINT-DI-22 Datasheet
44Kb / 2P
70 W, 19 V External Laptop Adapter
DI-23 POWERINT-DI-23 Datasheet
512Kb / 2P
10 W, Multi-output, High Speed Modem Power Supply
DI-24 POWERINT-DI-24 Datasheet
57Kb / 2P
30 W DC-DC Converter
DI-25 POWERINT-DI-25 Datasheet
483Kb / 2P
30 W DC-DC Converter with Synchronous Rectification
More results

Similar Description - DI-21

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DI-34 POWERINT-DI-34 Datasheet
62Kb / 2P
5 W Universal Adapter
DI-66 POWERINT-DI-66 Datasheet
497Kb / 2P
45 W, Universal Input, LCD Monitor Internal Supply
DI-91 POWERINT-DI-91 Datasheet
426Kb / 2P
12 W Universal Input CV Adapter
EPR-33 POWERINT-EPR-33 Datasheet
650Kb / 32P
Engineering Prototype Report for EP 33 - 45 W LCD Monitor External Power Supply using TOP247Y (TOPSwitch-GX)
logo
HITRON ELECTRONICS CORP...
HES51 HITRON-HES51 Datasheet
484Kb / 2P
AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 45-51 WATTS SWITCHING POWER SUPPLIES
HES49 HITRON-HES49 Datasheet
80Kb / 2P
AC/DC MEDICAL APPLICATION EXTERNAL ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 45-50 WATTS SWITCHING POWER SUPPLIES
logo
Phihong USA Inc.
PSAC45W PHIHONG-PSAC45W Datasheet
177Kb / 2P
45 Watt Universal 2-Wire Input Adapter
PSAC45W-120 PHIHONG-PSAC45W-120_17 Datasheet
155Kb / 3P
45 Watt Universal 2-Wire Input Adapter
logo
Tripp Lite. All Rights ...
DMA1327SD TRIPPLITE-DMA1327SD Datasheet
158Kb / 3P
Universal Dual-Monitor Mount Adapter
logo
Sanken electric
STR-W6251D SANKEN-STR-W6251D Datasheet
598Kb / 15P
30 W-Universal Input/45 W-230 Vac Input PWM Switching Regulators
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com