Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DI-57 Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # DI-57
Description  60 W DC-DC Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DI-57 Datasheet(HTML) 2 Page - Power Integrations, Inc.

  DI-57 Datasheet HTML 1Page - Power Integrations, Inc. DI-57 Datasheet HTML 2Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.powerint.com
A
8/03
DI-57
Table 1. Transformer Design Parameters.
The bias winding is rectified and filtered by D1 and C23 and
provides operating power to the DPA-Switch. The regulation
is fed back from the secondary through the opto-transistor of
U2.
Key Design Points
• For the nominal under-voltage set point V
UV:
R1 = (V
UV – 2.35) / 50 µA
V
OV = (R1 x 135 µA) + 2.5 V
• For highest efficiency designs: use continuous conduction
mode operation, this design uses approximately 0.5 KRP;
minimize turns in the transformer and at this (60 W) power
level, keep AC flux density BM < 1100 Gauss; fully fill a
single layer for each winding to minimize leakage
inductance and maximize copper fill factor; if possible use
a Schottky rectifier diode (D2) with a low-forward drop.
• The transformer primary is split in order to minimize
leakage inductance to obtain better efficiency.
• Tighter output voltage tolerance is possible by using a
TL431 (and associated components) in place of the Zener
diode VR2.
• Follow good layout practices:
- For length of the secondary current loop from transformer
pins 9 & 10, diode D2 and capacitors C10 to C18 and
back to pins 6 & 7 of the transformer: ensure identical
path length for each of the capacitors C10 to C18 to
ensure they equally share the ripple current.
TRANSFORMER PARAMETERS
Core Material
Bobbin
Winding Details
Primary-1 (4-NC), Bias (1-5), + 12 V
(9, 10-6, 7), Primary-2 (NC-2)
Winding Order and
Pin Numbers
Primary Inductance
Primary Resonant
Frequency
Leakage Inductance
Primary 8T + 8T, 2 x 24 AWG
Bias 5T, 1 x 34 AWG
+12 V 5T, 4 x 27 AWG
3.0 MHz (minimum)
Ferroxcubed P/N: EFD25 3F3
10-pin EFD25 surface mount bobbin
21 µH ±25% (at 400 kHz)
1 µH (maximum)
For the latest updates, visit our Web site: www.powerint.com
Power Integrations reserves the right to make changes to its products at any time to improve reliability or manufacturability.
Power Integrations does not assume any liability arising from the use of any device or circuit described herein, nor does it convey any license
under its patent rights or the rights of others. The products and applications illustrated herein (including circuits external to the products and
transformer construction) may be covered by one or more U.S. and foreign patents or potentially by pending U.S. and foreign patent
applications assigned to Power Integrations. A complete list of Power Integrations’ patents may be found at www.powerint.com.
The PI Logo, TOPSwitch, TinySwitch, LinkSwitch and EcoSmart are registered trademarks of Power Integrations, Inc.
PI Expert and DPA-Switch are trademarks of Power Integrations, Inc. ©Copyright 2003, Power Integrations, Inc.
ITALY
Milano, Italy
Phone:
+39-028-928-6001
Fax:
+39-028-928-6009
e-mail: eurosales@powerint.com
WORLD HEADQUARTERS
San Jose, CA USA.
Customer Service:
Phone:
+1-408-414-9665
Fax:
+1-408-414-9765
e-mail: usasales@powerint.com
SINGAPORE (ASIA PACIFIC
HEADQUARTERS)
Singapore
Phone:
+65-6358-2160
Fax:
+65-6358-2015
e-mail: singaporesales@powerint.com
AMERICAS
Buford, GA USA
Phone:
+1-678-714-6033
Fax:
+1-678-714-6012
e-mail: usasales@powerint.com
CHINA (SHENZHEN)
Shenzhen Guangdong, China
Phone:
+86-755-8367-5143
Fax:
+86-755-8377-9610
e-mail: chinasales@powerint.com
GERMANY
Muenchen, Germany
Phone: +49-895-527-3910
Fax:
+49-895-527-3920
e-mail: eurosales@powerint.com
JAPAN
Kanagawa, Japan
Phone:
+81-45-471-1021
Fax:
+81-45-471-3717
e-mail: japansales@powerint.com
TAIWAN
Taipei, Taiwan, R.O.C.
Phone:
+886-2-2727-1221
Fax:
+886-2-2727-1223
e-mail: taiwansales@powerint.com
CHINA (SHANGHAI)
Shanghai, China
Phone: +86-21-6215-5548
Fax:
+86-21-6215-2468
e-mail: chinasales@powerint.com
INDIA (TECHNICAL SUPPORT)
Bangalore, India
Phone:
+91-80-226-6023
Fax:
+91-80-228-9727
e-mail: indiasales@powerint.com
KOREA
Seoul, Korea
Phone:
+82-2-782-2840
Fax:
+82-2-782-4427
e-mail: koreasales@powerint.com
UK (EUROPE & AFRICA
HEADQUARTERS)
United Kingdom
Phone: +44-1344-462-300
Fax:
+44-1344-311-732
e-mail: eurosales@powerint.com
APPLICATIONS HOTLINE
APPLICATIONS FAX
World Wide +1-408-414-9660
World Wide +1-408-414-9760



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com