Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DI-57 Datasheet (PDF) - Power Integrations, Inc.

DI-57 Datasheet PDF - Power Integrations, Inc.
Part # DI-57
Download  DI-57 Download
File Size   57.67 Kbytes
Page   2 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description 60 W DC-DC Converter

DI-57 Datasheet (PDF)

Go To PDF Page Download Datasheet
DI-57 Datasheet PDF - Power Integrations, Inc.

Part # DI-57
Download  DI-57 Click to download

File Size   57.67 Kbytes
Page   2 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description 60 W DC-DC Converter

DI-57 Datasheet (HTML) - Power Integrations, Inc.




Similar Part No. - DI-57

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DI-51 POWERINT-DI-51 Datasheet
54Kb / 2P
5 W Flyback DC-DC Converter
DI-52 POWERINT-DI-52 Datasheet
374Kb / 2P
60 W DC-DC Converter
DI-53 POWERINT-DI-53 Datasheet
378Kb / 2P
50 W DC-DC Dual Output Converter
DI-55 POWERINT-DI-55 Datasheet
219Kb / 2P
20 W (25 W peak) DVD Supply
DI-56 POWERINT-DI-56 Datasheet
371Kb / 2P
19.2 W DC-DC Converter
More results


Similar Description - DI-57

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS5T48-12 STMICROELECTRONICS-GS5T48-12 Datasheet
47Kb / 3P
5 W DC-DC CONVERTER
Jun-1994
logo
Power Integrations, Inc...
DI-24 POWERINT-DI-24 Datasheet
57Kb / 2P
30 W DC-DC Converter
DI-52 POWERINT-DI-52 Datasheet
374Kb / 2P
60 W DC-DC Converter
logo
AIMTEC
AM60U-Z AIMTEC-AM60U-Z Datasheet
562Kb / 5P
60 Watt | DC-DC Converter
logo
Wall Industries,Inc.
MPQ24S15-50C WALL-MPQ24S15-50C Datasheet
660Kb / 11P
60 W DC-DC Converter
RA2405DUW8 WALL-RA2405DUW8 Datasheet
461Kb / 11P
8 W DC-DC Converter
logo
Power Mate Technology C...
FEC60 P-DUKE-FEC60_14 Datasheet
483Kb / 3P
60 WATTS DC-DC CONVERTER
logo
AIMTEC
AM60U-Z AIMTEC-AM60U-Z_16 Datasheet
567Kb / 5P
60 Watt | DC-DC Converter
logo
HY-LINE Power Component...
P60A243R3S HY-LINE-P60A243R3S Datasheet
853Kb / 4P
60 W DC-DC Converter P60A-Series
Rev: 20180919 f
P60D2405S HY-LINE-P60D2405S Datasheet
1Mb / 6P
60 W DC-DC Converter P60D-Series
Rev: 20181004 f
More results




About Power Integrations, Inc.


Power Integrations is an American company that specializes in the design and manufacture of high-voltage integrated circuits for power conversion.

The company was founded in 1988 and is headquartered in San Jose, California. Power Integrations provides a wide range of power conversion solutions including integrated circuits (ICs), capacitors, and diodes.

Its products are used in a variety of applications such as consumer electronics, lighting, renewable energy, and industrial equipment.

Power Integrations is known for its expertise in power conversion technology and its ability to deliver highly efficient and reliable products.

The company has a strong focus on innovation and has been awarded numerous patents for its products and technology.

Power Integrations' products are designed to meet the growing demand for energy-efficient solutions that help reduce carbon emissions and protect the environment.

The company's technology is widely used in various applications, and it has a strong presence in the global market.

Power Integrations works closely with its customers to provide customized solutions and support their needs.

The company is committed to providing sustainable products and services that contribute to a better and more sustainable world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com