Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARF447 Datasheet(PDF) 1 Page - Advanced Power Technology

Part # ARF447
Description  N-CHANNEL ENHANCEMENT MODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

ARF447 Datasheet(HTML) 1 Page - Advanced Power Technology

  ARF447 Datasheet HTML 1Page - Advanced Power Technology ARF447 Datasheet HTML 2Page - Advanced Power Technology ARF447 Datasheet HTML 3Page - Advanced Power Technology ARF447 Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MAXIMUM RATINGS
All Ratings: T
C = 25°C unless otherwise specified.
STATIC ELECTRICAL CHARACTERISTICS
Symbol
BV
DSS
V
DS(ON)
I
DSS
I
GSS
g
fs
V
GS(TH)
Characteristic / Test Conditions
Drain-Source Breakdown Voltage (V
GS = 0V, ID = 250 mA)
On State Drain Voltage 1 (I
D(ON) = 3.5A, VGS = 10V)
Zero Gate Voltage Drain Current (V
DS = VDSS, VGS = 0V)
Zero Gate Voltage Drain Current (V
DS = 0.8 VDSS, VGS = 0V, TC = 125°C)
Gate-Source Leakage Current (V
GS = ±30V, VDS = 0V)
Forward Transconductance (V
DS = 25V, ID = 3.5A)
Gate Threshold Voltage (V
DS = VGS, ID = 50mA)
MIN
TYP
MAX
900
7
25
250
±
100
4
5.7
2
5
UNIT
Volts
mA
nA
mhos
Volts
Symbol
V
DSS
V
DGO
I
D
V
GS
P
D
RqJC
T
J,TSTG
T
L
Parameter
Drain-Source Voltage
Drain-Gate Voltage
Continuous Drain Current @ T
C = 25°C
Gate-Source Voltage
Total Power Dissipation @ T
C = 25°C
Junction to Case
Operating and Storage Junction Temperature Range
Lead Temperature: 0.063" from Case for 10 Sec.
ARF446/447
900
900
6.5
±
30
230
0.55
-55 to 150
300
UNIT
Volts
Amps
Volts
Watts
°
C/W
°
C
RF POWER MOSFETs
N- CHANNEL ENHANCEMENT MODE
250V 140W
65MHz
The ARF446 and ARF447 comprise a symmetric pair of common source RF power transistors designed for push-pull
scientific, commercial, medical and industrial RF power amplifier applications up to 65 MHz.
Specified 250 Volt, 40.68 MHz Characteristics:
¥
Output Power = 140 Watts.
¥
Gain = 15dB (Class C)
¥
Efficiency = 75%
Low Cost Common Source RF Package.
Very High Breakdown for Improved Ruggedness.
Low Thermal Resistance.
Nitride Passivated Die for Improved Reliability.
TO-247
ARF446
ARF447
G
D
S
Common
Source
CAUTION: These Devices are Sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed.
APT Website - http://www.advancedpower.com


Similar Part No. - ARF447

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
ARF447 ADPOW-ARF447 Datasheet
61Kb / 4P
N-CHANNEL ENHANCEMENT MODE
logo
Microsemi Corporation
ARF447G MICROSEMI-ARF447G Datasheet
87Kb / 4P
RF POWER MOSFETs N-CHANNEL ENHANCEMENT MODE
More results

Similar Description - ARF447

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
IRF830 TRSYS-IRF830 Datasheet
282Kb / 3P
N-CHANNEL ENHANCEMENT MODE
logo
Advanced Power Technolo...
ARF446 ADPOW-ARF446 Datasheet
61Kb / 4P
N-CHANNEL ENHANCEMENT MODE
ARF450 ADPOW-ARF450 Datasheet
178Kb / 4P
N-CHANNEL ENHANCEMENT MODE
logo
List of Unclassifed Man...
P2503NVG ETC1-P2503NVG Datasheet
594Kb / 8P
N P-Channel Enhancement Mode Enhancement Mode
logo
Guangdong Kexin Industr...
KO3414 KEXIN-KO3414 Datasheet
53Kb / 2P
N-Channel Enhancement Mode
logo
IXYS Corporation
IXTH60N20L2 IXYS-IXTH60N20L2 Datasheet
155Kb / 5P
N-Channel Enhancement Mode
IXTH220N075T IXYS-IXTH220N075T Datasheet
190Kb / 5P
N-Channel Enhancement Mode
IXTR62N15P IXYS-IXTR62N15P Datasheet
212Kb / 2P
N-Channel Enhancement Mode
logo
New Jersey Semi-Conduct...
VN0104N2 NJSEMI-VN0104N2 Datasheet
68Kb / 1P
N-Channel Enhancement-Mode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com