Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARF447 Datasheet(PDF) 2 Page - Advanced Power Technology

Part # ARF447
Description  N-CHANNEL ENHANCEMENT MODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

ARF447 Datasheet(HTML) 2 Page - Advanced Power Technology

  ARF447 Datasheet HTML 1Page - Advanced Power Technology ARF447 Datasheet HTML 2Page - Advanced Power Technology ARF447 Datasheet HTML 3Page - Advanced Power Technology ARF447 Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DYNAMIC CHARACTERISTICS
ARF446/447
Symbol
C
iss
C
oss
C
rss
t
d(on)
t
r
t
d(off)
t
f
Characteristic
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
Turn-on Delay Time
Rise Time
Turn-off Delay Time
Fall Time
Test Conditions
V
GS = 0V
V
DS = 300V
f = 1 MHz
V
GS = 15V
V
DD = 0.5 VDSS
I
D = ID[Cont.] @ 25°C
R
G = 1.6W
MIN
TYP
MAX
1500
1800
70
130
27
50
7
15
5
10
23
40
12
25
UNIT
pF
ns
FUNCTIONAL CHARACTERISTICS
Symbol
G
PS
h
y
Test Conditions
f = 27.12 MHz
V
GS = 0V
V
DD = 300V
Pout = 140W
No Degradation in Output Power
Characteristic
Common Source Amplifier Power Gain
Drain Efficiency
Electrical Ruggedness VSWR 20:1
MIN
TYP
MAX
20
80
UNIT
dB
%
1 Pulse Test: Pulse width < 380 mS, Duty Cycle < 2%
APT Reserves the right to change, without notice, the specifications and information contained herein.
G
PS
h
y
f = 40.68 MHz
V
GS = 0V
V
DD = 250V
Pout = 140W
No Degradation in Output Power
Common Source Amplifier Power Gain
Drain Efficiency
Electrical Ruggedness VSWR 20:1
13
15
70
75
dB
%
30
10
5
1
.5
.1
1
5 10
50 100
1000
FREQUENCY (MHz)
Figure 1, Typical Gain vs Frequency
30
25
20
15
10
5
0
10
20
30
40
50
60 65
Class C
V
DD = 250V
P
out = 250W
16
12
8
4
0
0
2
4
6
8
VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
Figure 2, Typical Capacitance vs. Drain-to-Source Voltage
3000
1000
500
100
50
10
1
5
10
50 100
300
Ciss
Coss
Crss
VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
Figure 4, Typical Maximum Safe Operating Area
VGS, GATE-TO-SOURCE VOLTAGE (VOLTS)
Figure 3, Typical Transfer Characteristics
VDS> ID (ON) x RDS (ON)MAX.
250mSEC. PULSE TEST
@ <0.5 % DUTY CYCLE
TJ = -55°C
TJ = -55°C
TJ = +125°C
TJ = +25°C
TC =+25°C
TJ =+150°C
SINGLE PULSE
OPERATION HERE
LIMITED BY RDS (ON)
10mS
1mS
10mS
100mS
DC
100mS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com