Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARF447 Datasheet(PDF) 4 Page - Advanced Power Technology

Part # ARF447
Description  N-CHANNEL ENHANCEMENT MODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

ARF447 Datasheet(HTML) 4 Page - Advanced Power Technology

  ARF447 Datasheet HTML 1Page - Advanced Power Technology ARF447 Datasheet HTML 2Page - Advanced Power Technology ARF447 Datasheet HTML 3Page - Advanced Power Technology ARF447 Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TO-247 Package Outline
15.49 (.610)
16.26 (.640)
5.38 (.212)
6.20 (.244)
6.15 (.242) BSC
4.50 (.177) Max.
19.81 (.780)
20.32 (.800)
20.80 (.819)
21.46 (.845)
1.65 (.065)
2.13 (.084)
1.01 (.040)
1.40 (.055)
5.45 (.215) BSC
3.55 (.138)
3.81 (.150)
2.87 (.113)
3.12 (.123)
4.69 (.185)
5.31 (.209)
1.49 (.059)
2.49 (.098)
2.21 (.087)
2.59 (.102)
0.40 (.016)
0.79 (.031)
2-Plcs.
Top View
ARF446
Device
ARF447
Gate
Drain
Source
Source
Drain
Gate
Dimensions in Millimeters and (Inches)
NOTE: The ARF446 and ARF447 comprise a symmetric
pair of RF power transistors and meet the same electrical
specifications. The device pin-outs are the mirror image
of each other to allow ease of use as a push-pull pair.
ARF446/447
L1
C1
T1
R1
DUT
L2
L3
C2
C3
C4
C5
C6
L4
250V
+
-
RF Output
RF Input
C1-C3 -- Arco 465 or equivalent
C4-C6 -- 1nF 500V COG chip
L1 -- 2t #18 AWG .25" ID
L2 -- 3t #18 AWG .25" ID
L3 -- 8t #18 AWG .25" ID
L4 -- VK200-4B ferrite choke 3mH
R1 -- 25 Ohm 1/2W Carbon
T1 -- 4:1 Broadband Transformer
40.68 MHz Test Circuit
Parts List
40.68 MHz Test Circuit
APT’s products are covered by one or more of U.S.patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522
5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. US and Foreign patents pending. All Rights Reserved.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com