Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM8565D Datasheet(PDF) 2 Page - Excelliance MOS Corp.

Part # EM8565D
Description  HV Start-up Green-mode PWM Convertor with Brown-Out Protection
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EM8565D Datasheet(HTML) 2 Page - Excelliance MOS Corp.

  EM8565D Datasheet HTML 1Page - Excelliance MOS Corp. EM8565D Datasheet HTML 2Page - Excelliance MOS Corp. EM8565D Datasheet HTML 3Page - Excelliance MOS Corp. EM8565D Datasheet HTML 4Page - Excelliance MOS Corp. EM8565D Datasheet HTML 5Page - Excelliance MOS Corp. EM8565D Datasheet HTML 6Page - Excelliance MOS Corp. EM8565D Datasheet HTML 7Page - Excelliance MOS Corp. EM8565D Datasheet HTML 8Page - Excelliance MOS Corp. EM8565D Datasheet HTML 9Page - Excelliance MOS Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2015/04/14
Rev.A.1
2
EM8565D
Pin Assignment
Pin Name
Pin Number
Pin Function
DIP-7
CS
1
Senses the primary current.
BNO
2
Line voltage detection. Use for brown-out protection.
GND
3
Ground.
COMP
4
Voltage feedback pin. By connecting a photo-coupler to close the control loop
and achieve the regulation.
VCC
5
IC Power Supply Pin.
D
6,7
For start-up, the pin is also HV Power MOSFET drain Pin.
Function Block Diagram
CS
COMP
BNO
GND
R
S
Q
OTP
OLP
+
-
Green
Mode
PWM
Comparator
OCP
Compensation
Control
Logic
Oscillator
29V
15V / 8.8V
UVLO
OVP
Vbias
Max duty
2R
R
Soft
Start
PG
2.8V
/ 2.3V
BNO
D
Start
up
LEB
Slope
Comp
Driver
4V
0.2V
-
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com