Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM8565D Datasheet(PDF) 8 Page - Excelliance MOS Corp.

Part # EM8565D
Description  HV Start-up Green-mode PWM Convertor with Brown-Out Protection
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EM8565D Datasheet(HTML) 8 Page - Excelliance MOS Corp.

Back Button EM8565D Datasheet HTML 3Page - Excelliance MOS Corp. EM8565D Datasheet HTML 4Page - Excelliance MOS Corp. EM8565D Datasheet HTML 5Page - Excelliance MOS Corp. EM8565D Datasheet HTML 6Page - Excelliance MOS Corp. EM8565D Datasheet HTML 7Page - Excelliance MOS Corp. EM8565D Datasheet HTML 8Page - Excelliance MOS Corp. EM8565D Datasheet HTML 9Page - Excelliance MOS Corp. EM8565D Datasheet HTML 10Page - Excelliance MOS Corp. EM8565D Datasheet HTML 11Page - Excelliance MOS Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
2015/04/14
Rev.A.1
8
EM8565D
Functional Description
UVLO
An UVLO comparator is implemented in EM8565D
to monitor the VCC pin voltage. As shown in Fig. 13,
a hysteresis is built in to prevent the shutdown
from the voltage drop during startup. The UVLO
(on) and UVLO (off) are setting at 15V and 8.8V,
respectively.
Fig. 13
Startup Operation
Fig. 14 shows a typical HV startup circuit and
transformer auxiliary winding for the EM8565D
application, it consumes only startup current
(typical 45uA) and the startup current drawn from
the HV pin to charge the VCC capacitor (CVCC).
When VCC reaches UVLO (on) voltage, EM8565D
begins switching and the HV startup current
switches off. Then, the power required is supplied
from the transformer auxiliary winding. The
hysteresis of UVLO (off) provides more holdup time,
which allows using a small capacitor for VCC.
Fig. 14
Switching Frequency
To guarantee accurate frequency, EM8565D is
trimmed to 6% tolerance. The internal oscillator
also generates slope compensation, 75% maximum
duty limit.
Leading Edge Blanking (LEB)
Fig.15 shows an each time the power MOSFET turn
on, the MOSFET COSS, secondary rectifier reverse
recovery current and gate driver sourcing current
comprise the current spike. To avoid premature
termination of the switching pulse, a leading edge
blanking time is built in. During the blanking time
(380nS), the PWM comparator is off and cannot
switch off the gate driver.
Fig. 15
GND
CS
VCC
C VCC
D
HV current source
HV MOS
EM8565D
380nS LEB
AC
INPUT
GND
CS
C VCC
D
HV current source
HV MOS
EM8565D
VCC
IVCC
VCC
t
t
Start up Current
(45uA)
Operation Current (2mA)
UVLO (on)
UVLO (off)
IHV current
t
HV Current Source
(1mA)
HV Current Source
shutdown(<1uA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com