Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM8565D Datasheet(PDF) 1 Page - Excelliance MOS Corp.

Part # EM8565D
Description  HV Start-up Green-mode PWM Convertor with Brown-Out Protection
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EM8565D Datasheet(HTML) 1 Page - Excelliance MOS Corp.

  EM8565D Datasheet HTML 1Page - Excelliance MOS Corp. EM8565D Datasheet HTML 2Page - Excelliance MOS Corp. EM8565D Datasheet HTML 3Page - Excelliance MOS Corp. EM8565D Datasheet HTML 4Page - Excelliance MOS Corp. EM8565D Datasheet HTML 5Page - Excelliance MOS Corp. EM8565D Datasheet HTML 6Page - Excelliance MOS Corp. EM8565D Datasheet HTML 7Page - Excelliance MOS Corp. EM8565D Datasheet HTML 8Page - Excelliance MOS Corp. EM8565D Datasheet HTML 9Page - Excelliance MOS Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
2015/04/14
Rev.A.1
1
EM8565D
HV Start-up Green-mode PWM Convertor with Brown-Out Protection
General Description
EM8565D is a high performance, low cost, HV
Start-up, current mode PWM controller with green
mode power saving. It integrates an advanced
PWM and 650V power MOSFET a single package,
provides the users a superior power designs with
higher efficiency, reduced size, improved reliability,
and lower power system cost.
The EM8565D also features more protection
like Over Load Protection (OLP) and Over Voltage
Protection (OVP) to prevent circuit damage
occurred under abnormal conditions. And has line
under-voltage protection (Brown-out Protection).
Ordering Information
Part Number
Package
Remark
EM8565DS7
DIP-7
Features
 650V High Voltage Start up Circuit
 Current Mode Control
 Soft Start Function
 Built-in Slope Compensation
 Internal Leading-edge Blanking
 Brown in/out Protection
 Over Voltage Protection (OVP) on VCC pin
 Over Load Protection (OLP)
 Cycle-by-cycle Current Limit
 Feedback Open Protection
 Internal Over Temperature Protection (OTP)
 Constant Output Power Limit (Full AC Input
Range)
 Excellent EMI performance
Applications
 LCD Monitor Power
 Auxiliary Power Supply for PC, Server, LCD TV
 Open-Frame SMPS
 General Adapter and Charger
Typical Application Circuit 1
Typical Application Circuit 2
Pin Configuration
AC
INPUT
EM
I
Filter
EM8565D
D
VCC
COMP
GND
BNO
CS
D
DC
OUTPUT
AC
INPUT
EM
I
Filter
EM8565D
D
VCC
COMP
GND
BNO
CS
D
DC
OUTPU
T
Brown-out application
DIP - 7
TOP VIEW
D
D
GND COMP
BNO
CS
VCC
1
2
3
4
5
6
7


Similar Part No. - EM8565D

ManufacturerPart #DatasheetDescription
logo
Excelliance MOS Corp.
EM8565A EXCELLIANCE-EM8565A Datasheet
317Kb / 12P
HV Start-up Green-mode PWM Convertor with Brown-Out Protection
EM8565AS7 EXCELLIANCE-EM8565AS7 Datasheet
317Kb / 12P
HV Start-up Green-mode PWM Convertor with Brown-Out Protection
More results

Similar Description - EM8565D

ManufacturerPart #DatasheetDescription
logo
Excelliance MOS Corp.
EM8557A EXCELLIANCE-EM8557A Datasheet
315Kb / 12P
HV Start-up Green-mode PWM Convertor with Brown-Out Protection
EM8559A EXCELLIANCE-EM8559A Datasheet
301Kb / 12P
HV Start-up Green-mode PWM Convertor with Brown-Out Protection
EM8562 EXCELLIANCE-EM8562 Datasheet
310Kb / 12P
HV Start-up Green-mode PWM Converter with Brown-Out Protection
EM8562A EXCELLIANCE-EM8562A Datasheet
318Kb / 12P
HV Start-up Green-mode PWM Convertor with Brown-Out Protection
EM8563A EXCELLIANCE-EM8563A Datasheet
317Kb / 12P
HV Start-up Green-mode PWM Convertor with Brown-Out Protection
EM8564A EXCELLIANCE-EM8564A Datasheet
317Kb / 12P
HV Start-up Green-mode PWM Convertor with Brown-Out Protection
EM8565A EXCELLIANCE-EM8565A Datasheet
317Kb / 12P
HV Start-up Green-mode PWM Convertor with Brown-Out Protection
EM8569 EXCELLIANCE-EM8569 Datasheet
310Kb / 12P
HV Start-up Green-mode PWM Converter with Brown-Out Protection
EM8569A EXCELLIANCE-EM8569A Datasheet
318Kb / 12P
HV Start-up Green-mode PWM Convertor with Brown-Out Protection
EM8671 EXCELLIANCE-EM8671 Datasheet
307Kb / 13P
HV Start-up Green-mode PWM Controller with Brown-Out Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com