Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS75R12KT4 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # FS75R12KT4
Description  EconoPACK™2 Modul mit Trench/Feldstopp IGBT4 und Emitter Controlled 4 Diode und NTC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FS75R12KT4 Datasheet(HTML) 5 Page - Infineon Technologies AG

  FS75R12KT4 Datasheet HTML 1Page - Infineon Technologies AG FS75R12KT4 Datasheet HTML 2Page - Infineon Technologies AG FS75R12KT4 Datasheet HTML 3Page - Infineon Technologies AG FS75R12KT4 Datasheet HTML 4Page - Infineon Technologies AG FS75R12KT4 Datasheet HTML 5Page - Infineon Technologies AG FS75R12KT4 Datasheet HTML 6Page - Infineon Technologies AG FS75R12KT4 Datasheet HTML 7Page - Infineon Technologies AG FS75R12KT4 Datasheet HTML 8Page - Infineon Technologies AG FS75R12KT4 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Datasheet
5
V3.0
2019-09-13
FS75R12KT4
AusgangskennlinieIGBT,Wechselrichter(typisch)
outputcharacteristicIGBT,Inverter(typical)
IC=f(VCE)
VGE=15V
VCE [V]
0,0
0,5
1,0
1,5
2,0
2,5
3,0
3,5
4,0
4,5
5,0
0
15
30
45
60
75
90
105
120
135
150
Tvj = 25°C
Tvj = 125°C
Tvj = 150°C
AusgangskennlinienfeldIGBT,Wechselrichter(typisch)
outputcharacteristicIGBT,Inverter(typical)
IC=f(VCE)
Tvj=150°C
VCE [V]
0,0
0,5
1,0
1,5
2,0
2,5
3,0
3,5
4,0
4,5
5,0
0
15
30
45
60
75
90
105
120
135
150
VGE = 19V
VGE = 17V
VGE = 15V
VGE = 13V
VGE = 11V
VGE = 9V
ÜbertragungscharakteristikIGBT,Wechselrichter(typisch)
transfercharacteristicIGBT,Inverter(typical)
IC=f(VGE)
VCE=20V
VGE [V]
5
6
7
8
9
10
11
12
13
0
15
30
45
60
75
90
105
120
135
150
Tvj = 25°C
Tvj = 125°C
Tvj = 150°C
SchaltverlusteIGBT,Wechselrichter(typisch)
switchinglossesIGBT,Inverter(typical)
Eon=f(IC),Eoff=f(IC)
VGE=±15V,RGon=2.2
Ω,RGoff=2.2Ω,VCE=600V
IC [A]
0
15
30
45
60
75
90
105 120 135 150
0
2
4
6
8
10
12
14
16
18
20
Eon, Tvj = 125°C
Eoff, Tvj = 125°C
Eon, Tvj = 150°C
Eoff, Tvj = 150°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com