Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS75R12KT4 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # FS75R12KT4
Description  EconoPACK™2 Modul mit Trench/Feldstopp IGBT4 und Emitter Controlled 4 Diode und NTC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FS75R12KT4 Datasheet(HTML) 6 Page - Infineon Technologies AG

  FS75R12KT4 Datasheet HTML 1Page - Infineon Technologies AG FS75R12KT4 Datasheet HTML 2Page - Infineon Technologies AG FS75R12KT4 Datasheet HTML 3Page - Infineon Technologies AG FS75R12KT4 Datasheet HTML 4Page - Infineon Technologies AG FS75R12KT4 Datasheet HTML 5Page - Infineon Technologies AG FS75R12KT4 Datasheet HTML 6Page - Infineon Technologies AG FS75R12KT4 Datasheet HTML 7Page - Infineon Technologies AG FS75R12KT4 Datasheet HTML 8Page - Infineon Technologies AG FS75R12KT4 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Datasheet
6
V3.0
2019-09-13
FS75R12KT4
SchaltverlusteIGBT,Wechselrichter(typisch)
switchinglossesIGBT,Inverter(typical)
Eon=f(RG),Eoff=f(RG)
VGE=±15V,IC=75A,VCE=600V
RG [
Ω]
0
2
4
6
8
10
12
14
16
18
20
0
2
4
6
8
10
12
14
16
18
20
22
24
Eon, Tvj = 125°C
Eoff, Tvj = 125°C
Eon, Tvj = 150°C
Eoff, Tvj = 150°C
TransienterWärmewiderstandIGBT,Wechselrichter
transientthermalimpedanceIGBT,Inverter
ZthJC=f(t)
t [s]
0,001
0,01
0,1
1
10
0,01
0,1
1
ZthJC : IGBT
i:
ri[K/W]:
τi[s]:
1
0,0234
0,01
2
0,1287
0,02
3
0,1248
0,05
4
0,1131
0,1
SichererRückwärts-ArbeitsbereichIGBT,Wechselrichter
(RBSOA)
reversebiassafeoperatingareaIGBT,Inverter(RBSOA)
IC=f(VCE)
VGE=±15V,RGoff=2.2
Ω,Tvj=150°C
VCE [V]
0
200
400
600
800
1000
1200
1400
0
15
30
45
60
75
90
105
120
135
150
165
180
IC, Modul
IC, Chip
DurchlasskennliniederDiode,Wechselrichter(typisch)
forwardcharacteristicofDiode,Inverter(typical)
IF=f(VF)
VF [V]
0,0 0,2 0,4 0,6 0,8 1,0 1,2 1,4 1,6 1,8 2,0 2,2 2,4
0
15
30
45
60
75
90
105
120
135
150
Tvj = 25°C
Tvj = 125°C
Tvj = 150°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com