Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPLLL85 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # SPLLL85
Description  Hybride Impuls-Laserdiode mit integrierter Treiberstufe 14 W Spitzenleistung
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SPLLL85 Datasheet(HTML) 4 Page - OSRAM GmbH

  SPLLL85 Datasheet HTML 1Page - OSRAM GmbH SPLLL85 Datasheet HTML 2Page - OSRAM GmbH SPLLL85 Datasheet HTML 3Page - OSRAM GmbH SPLLL85 Datasheet HTML 4Page - OSRAM GmbH SPLLL85 Datasheet HTML 5Page - OSRAM GmbH SPLLL85 Datasheet HTML 6Page - OSRAM GmbH SPLLL85 Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SPL LL85
2006-04-12
4
Optical output power
P
opt vs charge voltage Vc
(t
p = 30 ns, PRF = 1 kHz, V
G = 15 V )
Far-field distribution parallel to junction
I
rel vs. angle θ||
Optical spectrum, relative intensity
I
rel vs.
wavelength
λ (P
opt = 14 W, tp = 30 ns)
Far-field distribution perpendicular to
junction
I
rel vs. angle θ
OHW00917
0
0
opt
P
C
V
W
V
5
10
15
20
1
2
3
4
5
6
7
9
OHW00795
0
-30
θ
0.25
0.50
0.75
1.00
Deg
rel
Ι
-20
-10
0
10
30
OHW00919
0
830
λ
Ι
rel
nm
%
835 840 845 850 855
865
0.25
0.50
0.75
1.00
OHW00794
0
-50
0.25
0.50
0.75
1.00
Deg
Ι
rel
θ
-30
-10
10
30
50
LASER COMPONENTS IG, Inc., 9 River Road, Hudson, NH 03051 - USA, Phone: +1 603 821 7040, Fax: +1 603 821 7041, info@laser-components.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com