Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPLLL85 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # SPLLL85
Description  Hybride Impuls-Laserdiode mit integrierter Treiberstufe 14 W Spitzenleistung
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SPLLL85 Datasheet(HTML) 5 Page - OSRAM GmbH

  SPLLL85 Datasheet HTML 1Page - OSRAM GmbH SPLLL85 Datasheet HTML 2Page - OSRAM GmbH SPLLL85 Datasheet HTML 3Page - OSRAM GmbH SPLLL85 Datasheet HTML 4Page - OSRAM GmbH SPLLL85 Datasheet HTML 5Page - OSRAM GmbH SPLLL85 Datasheet HTML 6Page - OSRAM GmbH SPLLL85 Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SPL LL85
2006-04-12
5
Optical pulse form for variing trigger pulse
widths (MOSFET driver Elantec EL7104C)
Optical peak power, fall and rise time vs. pulse
width (MOSFET driver Elantec EL7104C)
Optical pulse width vs. trigger pulse width
(MOSFET driver Elantec EL7104C)
Optical peak power vs. optical pulse energy
(MOSFET driver Elantec EL7104C)
10
0
5
0
50
15
W
20
100
ns
t
4.5 ns
4 ns
20 ns
15 ns
10 ns
6 ns
5 ns
OHL01651
80 ns
40 ns
30 ns
25 ns
0
0
ns
Pulse Width FWHM
OHL01653
5
10
15
20
25
35
5
10
15
20
25
30
35
40
W, ns
Peak Power
Rise Time
Fall Time
0
0
ns
Trigger Pulse Width
OHL01652
10 20 30 40 50 60
80
5
10
15
20
25
30
35
ns
0
0
µJ
Pulse Energy
OHL01654
W
0.1
0.2
0.3
0.4
0.6
5
10
15
20
LASER COMPONENTS IG, Inc., 9 River Road, Hudson, NH 03051 - USA, Phone: +1 603 821 7040, Fax: +1 603 821 7041, info@laser-components.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com