Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N0030L Datasheet(PDF) 3 Page - InterFET Corporation

Part # N0030L
Description  Process Geometry
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERFET [InterFET Corporation]
Direct Link  http://www.interfet.com
Logo INTERFET - InterFET Corporation

N0030L Datasheet(HTML) 3 Page - InterFET Corporation

  N0030L Datasheet HTML 1Page - InterFET Corporation N0030L Datasheet HTML 2Page - InterFET Corporation N0030L Datasheet HTML 3Page - InterFET Corporation N0030L Datasheet HTML 4Page - InterFET Corporation N0030L Datasheet HTML 5Page - InterFET Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3 of 5
www.InterFET.com
N0030L
Document Number: IF35508.R01
InterFET Corporation
November, 2019
N0030L
InterFET
Product
Folder
Technical
Support
Order
Now
Order
Now
Typical N0030L Characteristics
0
0.2
0.4
0.6
0.8
1
1.2
1.4
Drain to Source Voltage, VDS (V)
Typical Output @ VGS(OFF) = -0.8V
VGS = 0.0V
VGS = -0.2V
VGS = -0.4V
VGS = -0.6V
0
2
4
6
8
10
12
14
Drain to Source Voltage, VDS (V)
Typical Output @ VGS(OFF) = -2.5V
VGS = 0.0V
VGS = -0.8V
VGS = -1.5V
VGS = -2.2V
0
5
10
15
20
25
30
Drain to Source Voltage, VDS (V)
Typical Output @ VGS(OFF) = -4.5V
VGS = 0.0V
VGS = -1.5V
VGS = -3.0V
VGS = -4.2V
0
5
10
15
20
25
30
35
40
Drain to Source Voltage, VDS (V)
Typical Output @ VGS(OFF) = -6.0V
VGS = 0.0V
VGS = -2.0V
VGS = -3.8V
VGS = -5.5V
0
5
10
15
20
25
30
35
40
Gate to Source Voltage, VGS(OFF) (V)
Typical IDSS - VGS(OFF)
VGS = 0V
VDS = 10V
0
2
4
6
8
10
12
Gate to Source Voltage, VGS(OFF) (V)
Typical GFS - VGS(OFF)
VGS = 0V
VDS = 15V
f = 1kHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com