Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N0030L Datasheet(PDF) 1 Page - InterFET Corporation

Part # N0030L
Description  Process Geometry
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERFET [InterFET Corporation]
Direct Link  http://www.interfet.com
Logo INTERFET - InterFET Corporation

N0030L Datasheet(HTML) 1 Page - InterFET Corporation

  N0030L Datasheet HTML 1Page - InterFET Corporation N0030L Datasheet HTML 2Page - InterFET Corporation N0030L Datasheet HTML 3Page - InterFET Corporation N0030L Datasheet HTML 4Page - InterFET Corporation N0030L Datasheet HTML 5Page - InterFET Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
N0030L
Disclaimer: It is the Buyers responsibility for designing, validating and testing the end application under all field use cases and
extreme use conditions. Guaranteeing the application meets required standards, regulatory compliance, and all safety and
security requirements is the responsibility of the Buyer. These resources are subject to change without notice.
InterFET
IF35508.R01
Product
Folder
Technical
Support
Order
Now
Order
Now
N0030L Process Geometry
Features
• Low Input Capacitance: 5.0pF Typical
• Low Gate Leakage: 10pA Typical
• High Breakdown Voltage: -30V Typical
• High Input Impedance
• Small Die: 365um X 365um X 203um
• Bond Pads: 90um X 90um
• Substrate Connected to Gate
• Au Back-Side Finish
Applications
• Low-Noise, High Gain Amplifier
• Small Signal Amplifier
• Custom Part Options
Description
The InterFET N0030L Geometry is targeted high
impedance low leakage applications. The low
input capacitance makes it ideal for higher
frequency applications.
Test
Pattern
Geometry Top View
G
G
S-D
30
Standard Parts
• IFN5911, IFN5912
Maximum Ratings (@ T
A
= 25°C, Unless otherwise specified)
Parameters
Min
Typ
Max
Unit
VRGS Reverse Gate to Source or Drain Voltage
-25
-30
V
IFG
Continuous Forward Gate Current
10
mA
TJ
Operating Junction Temperature
-55
150
°C
TSTG Storage Temperature
-65
175
°C
Product Summary
Parameters
Min
Typ
Max
Unit
BVGSS
Gate to Source Breakdown Voltage
-25
-30
V
IDSS
Drain to Source Saturation Current
2
40
mA
VGS(off)
Gate to Source Cutoff Voltage
-0.5
-10
V
GFS
Forward Transconductance
11
mS
S-D


Similar Part No. - N0030L

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N003-075-BL-P TRIPPLITE-N003-075-BL-P Datasheet
182Kb / 2P
Cat5e Plenum Rated Snagless Patch Cable, (RJ45 M/M ) - Blue, 75-ft.
logo
InterFET Corporation
N0032H INTERFET-N0032H Datasheet
362Kb / 5P
N0032H Process Geometry
More results

Similar Description - N0030L

ManufacturerPart #DatasheetDescription
logo
Semicoa Semiconductor
2N1893 SEMICOA-2N1893 Datasheet
67Kb / 2P
Type 2N1893 Geometry 4500 Polarity NPN
2N2857 SEMICOA-2N2857 Datasheet
42Kb / 2P
Type 2N2857 Geometry 0011 Polarity NPN
2N2907A SEMICOA-2N2907A Datasheet
45Kb / 2P
Type 2N2907A Geometry 0600 Polarity PNP
2N3019 SEMICOA-2N3019 Datasheet
45Kb / 2P
Type 2N3019 Geometry 4500 Polarity NPN
2N3485A SEMICOA-2N3485A Datasheet
45Kb / 2P
Type 2N3485A Geometry 0600 Polarity PNP
2N3500 SEMICOA-2N3500 Datasheet
45Kb / 2P
Type 2N3500 Geometry 5620 Polarity NPN
2N3507L SEMICOA-2N3507L Datasheet
45Kb / 2P
Type 2N3507L Geometry 1506 Polarity NPN
2N3960 SEMICOA-2N3960 Datasheet
43Kb / 2P
Type 2N3960 Geometry 0003 Polarity NPN
logo
New Jersey Semi-Conduct...
2N4999 NJSEMI-2N4999 Datasheet
151Kb / 1P
DISCRETE EMITTER GEOMETRY
logo
List of Unclassifed Man...
PLP5-2-250 ETC2-PLP5-2-250 Datasheet
398Kb / 1P
Dual-Lens Geometry
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com