Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N0030L Datasheet(PDF) 4 Page - InterFET Corporation

Part # N0030L
Description  Process Geometry
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERFET [InterFET Corporation]
Direct Link  http://www.interfet.com
Logo INTERFET - InterFET Corporation

N0030L Datasheet(HTML) 4 Page - InterFET Corporation

  N0030L Datasheet HTML 1Page - InterFET Corporation N0030L Datasheet HTML 2Page - InterFET Corporation N0030L Datasheet HTML 3Page - InterFET Corporation N0030L Datasheet HTML 4Page - InterFET Corporation N0030L Datasheet HTML 5Page - InterFET Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4 of 5
www.InterFET.com
N0030L
Document Number: IF35508.R01
InterFET Corporation
November, 2019
N0030L
InterFET
Product
Folder
Technical
Support
Order
Now
Order
Now
Typical N0030L Characteristics (Continued)
0
50
100
150
200
250
300
Gate to Source Voltage, VGS(OFF) (V)
Typical RDS(ON) - VGS(OFF)
VGS = 0V
f = 1kHz
0.0
1.0
2.0
3.0
4.0
5.0
6.0
Gate to Source Voltage, VGS (V)
Typical CiSS - VGS
VDS = 10V
f = 1MHz
1.34
1.36
1.38
1.40
1.42
1.44
1.46
1.48
1.50
1.52
Gate to Source Voltage, VGS (V)
Typical CrSS - VGS
VDS = 10V
f = 1MHz
0
0.5
1
1.5
2
2.5
3
3.5
4
Frequency, f (kHz)
Typical Noise (nV/√Hz)
ID = 2mA
VDS = 10V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com