Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD5523KGL Datasheet(PDF) 5 Page - Leadtrend Technology

Part # LD5523KGL
Description  Multi-Mode PWM Controller of Flyback with Integrated BNI/BNO and Bulk cap. OVP
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD5523KGL Datasheet(HTML) 5 Page - Leadtrend Technology

  LD5523KGL Datasheet HTML 1Page - Leadtrend Technology LD5523KGL Datasheet HTML 2Page - Leadtrend Technology LD5523KGL Datasheet HTML 3Page - Leadtrend Technology LD5523KGL Datasheet HTML 4Page - Leadtrend Technology LD5523KGL Datasheet HTML 5Page - Leadtrend Technology LD5523KGL Datasheet HTML 6Page - Leadtrend Technology LD5523KGL Datasheet HTML 7Page - Leadtrend Technology LD5523KGL Datasheet HTML 8Page - Leadtrend Technology LD5523KGL Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
LD5523K
05/16/2018
5
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD5523K-DS-00 May 2018
Electrical Characteristics
(TA = +25
oC unless otherwise stated, VCC=15.0V)
PARAMETER
CONDITIONS
SYMBOL
MIN
TYP
MAX
UNITS
Supply Voltage (VCC Pin)
Startup Current
ICC_ST
1
A
Operating Current
(with 1nF load on OUT pin)
VCOMP=0V, OUT=1nF
ICC_OP1
0.285
mA
VCOMP=1.7V, OUT=1nF
IFB=200A
ICC_OP2
2.4
mA
Auto current protection
ICC_OPA1
0.6
mA
Brown in (Before the first
pulse)/ Brown out
ICC_OPA3
0.7
1.1
1.5
mA
UVLO(OFF)
VCC_OFF
6
7
8
V
UVLO(ON)
VCC_ON
15.5
16.5
17.5
V
VCC OVP Level
VCC_OVP
27
28
29
V
VCC OVP de-bounce time
TVCC_OVP
8
Cycle
Voltage Feedback (COMP Pin)
Short Circuit Current
VCOMP=0V
ICOMP
0.116
mA
Open Loop Voltage
(1)
VCOMP_OPEN
3.15
V
Min. OCP Compensation
Current
IFB =100A
(1)
IOCP_MIN
71
A
Max. OCP Compensation
Current
IFB =300A
IOCP_MAX
200
225
250
A
Current Sensing (CS Pin)
Maximum Input Voltage
VCS_LIMIT
0.48
0.5
0.52
V
Leading Edge Blanking Time
TLEB
275
ns
Internal Slope Compensation
*ton>3
s
to
DMAX.
(Linearly increase),
(1)
VSLP_L
165
mV
Delay to Output
(1)
TPD
80
ns
BNO Protection (FB Pin)
Brown In Trip Level
IBNI
90
95
100
A
BNO Hysteresis
IBNO_HYS
7
A
Brown Out De-bounce Time
VCOMP=1.7V
TDB_BNO
75
ms
Bulk Cap OVP
IBULK_OVP
370
A
Bulk Cap OVP delay
TFB_BOVP
450
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com