Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD5523KGL Datasheet(PDF) 11 Page - Leadtrend Technology

Part # LD5523KGL
Description  Multi-Mode PWM Controller of Flyback with Integrated BNI/BNO and Bulk cap. OVP
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD5523KGL Datasheet(HTML) 11 Page - Leadtrend Technology

Back Button LD5523KGL Datasheet HTML 7Page - Leadtrend Technology LD5523KGL Datasheet HTML 8Page - Leadtrend Technology LD5523KGL Datasheet HTML 9Page - Leadtrend Technology LD5523KGL Datasheet HTML 10Page - Leadtrend Technology LD5523KGL Datasheet HTML 11Page - Leadtrend Technology LD5523KGL Datasheet HTML 12Page - Leadtrend Technology LD5523KGL Datasheet HTML 13Page - Leadtrend Technology LD5523KGL Datasheet HTML 14Page - Leadtrend Technology LD5523KGL Datasheet HTML 15Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
LD5523K
05/16/2018
11
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD5523K-DS-00 May 2018
CS
VCC
GND
LD5523K
Can be removed if the negative
spike is not over spec. (-0.3V).
OUT
275ns
blanking
time
Fig. 13
CS
VCC
GND
LD5523K
RC filter is needed whenever the negative
spike is exceed - 0.3 V or the total spike
width is over 275 nS LEB period.
OUT
Fig. 14
Output Stage and Maximum Duty
An output stage of a CMOS buffer, with typical 350mA
driving capability, is incorporated to drive a power
MOSFET directly. The maximum duty of LD5523K is
limited to 81% avoid detecting QR fail.
CCM Switching Frequency Clamp
According to the QR operation principle, the switching
frequency is inversely proportional to the output power.
Therefore, as the output power increases, the switching
frequency can become rather low without limiting. The
CCM switching frequency of LD5523K is clamped at 65
kHz internally to provide the optimized operations by
considering the EMI performance, thermal treatment,
component sizes and transformer design
.
Over
Voltage
Protection
on
VCC
Pin
(VCC OVP) - Auto Recovery
The VGS ratings of the nowadays power MOSFETs are
often limited up to max. 28V. To prevent the VGS from the
fault condition, LD5523K is implemented with an OVP
function on VCC. Whenever the VCC voltage is higher
than the OVP threshold voltage, the output gate drive
circuit will be shutdown simultaneously thus to stop the
switching of the power MOSFET until the next UVLO(ON).
The VCC OVP function in LD5523K is an auto-recovery
type protection. The Fig. 15 shows its operation.
On the other hand, if the OVP condition is removed, the
VCC level will get back to normal level and the output will
automatically return to the normal operation.
VCC
UVLO(on)
UVLO(off)
t
OVP Tripped
t
OUT
Switching
Switching
Non-Switching
OVP Level
Fig. 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com