Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD5523KGL Datasheet(PDF) 6 Page - Leadtrend Technology

Part # LD5523KGL
Description  Multi-Mode PWM Controller of Flyback with Integrated BNI/BNO and Bulk cap. OVP
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD5523KGL Datasheet(HTML) 6 Page - Leadtrend Technology

Back Button LD5523KGL Datasheet HTML 2Page - Leadtrend Technology LD5523KGL Datasheet HTML 3Page - Leadtrend Technology LD5523KGL Datasheet HTML 4Page - Leadtrend Technology LD5523KGL Datasheet HTML 5Page - Leadtrend Technology LD5523KGL Datasheet HTML 6Page - Leadtrend Technology LD5523KGL Datasheet HTML 7Page - Leadtrend Technology LD5523KGL Datasheet HTML 8Page - Leadtrend Technology LD5523KGL Datasheet HTML 9Page - Leadtrend Technology LD5523KGL Datasheet HTML 10Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
LD5523K
05/16/2018
6
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD5523K-DS-00 May 2018
PARAMETER
CONDITIONS
SYMBOL
MIN
TYP
MAX
UNITS
QRD (Quasi Resonant Detection, FB Pin)
FB OVP Trip voltage Level
VFB_OVP
3.3
3.5
3.7
V
FB OVP De-bounce Time
TFB_OVP
8
Cycle
FB UVP Trip voltage Level
(1)
VFB_UVP
0.8
V
QRD Trip Level
(1)
IQRD
20
A
OTP (Over Temperature, CS Pin)
CS OTP Level
VCS_LIMIT
VCS_OTP
0.48
0.5
0.52
V
CS OTP de-bounce time
(1)
TCS_OTP
5.4
ms
Oscillator for Switching Frequency
CCM Frequency
FCCM
60
65
70
kHz
Frequency Swapping
(1)
FSW_MOD
±8
%
Green Mode Frequency
FSW_GREEN
21
24
27
kHz
Temp. Stability
(1)
FSW_TS
3
5
%
Voltage Stability
VCC =9V~24V
(1)
FSW_VS
1
%
Maximum Duty
(1)
DMAX
81
%
Gate Drive Output (OUT Pin)
Output Low Level
VCC =15V, Io=20mA
(1)
VOL
1
V
Output High Level
VCC =15V, Io=20mA
VOH
9
14
V
Rising Time
VCC =15V CL=1000pF
Tr
280
ns
Falling Time
VCC =15V CL =1000pF
Tf
30
ns
Output High Clamp Level
VCC =18V
VO_CLAMP
11.5
V
Soft Start
Soft Start Time
VCS_OFF
from
0.2V
to
0.5V
(1)
TSS
7
ms
SDSP (Secondary Diode Short Protection)
SDSP CS Pin Level
Secondary diode short
VCS_SDSP
1.3
V
De-bounce Cycle
(1)
TD_SDSP
4
Cycle
Open Loop Protection
OLP Trip Level
VOLP
2.8
V
OLP delay time
After soft-start
TD_OLP
88
ms
On Chip OTP (Over Temperature Protection)
OTP Level
(1,2)
TINOTP
140
C
OTP Hysteresis
(1,2)
TINOTP_HYS
12
C
Notes:
1. Guaranteed by design.
2. The threshold temperature for enabling the output again and resetting the latch after OTP has been activated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com