Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD7592 Datasheet(PDF) 10 Page - Leadtrend Technology

Part # LD7592
Description  Transition-Mode PFC Controller with Fault Condition Protection
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7592 Datasheet(HTML) 10 Page - Leadtrend Technology

Back Button LD7592 Datasheet HTML 6Page - Leadtrend Technology LD7592 Datasheet HTML 7Page - Leadtrend Technology LD7592 Datasheet HTML 8Page - Leadtrend Technology LD7592 Datasheet HTML 9Page - Leadtrend Technology LD7592 Datasheet HTML 10Page - Leadtrend Technology LD7592 Datasheet HTML 11Page - Leadtrend Technology LD7592 Datasheet HTML 12Page - Leadtrend Technology LD7592 Datasheet HTML 13Page - Leadtrend Technology LD7592 Datasheet HTML 14Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
LD7592
06/05/2017
10
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7592-DS-00 June 2017
Where Ra and Rb are top and bottom feedback resistor
values (as shown in the Fig. 10).
Vref = 2.5V
COMP
2.675V/
2.55V
0.45V/
0.35V
UVP
GM
OVP
Ra
Rb
VO
Disable
INV
Fig. 10
OVP and Disable Function
To prevent the over voltage on the output capacitor from
the fault condition, LD7592 is implemented with an OVP
function on INV pin. Whenever the INV pin voltage is
higher than OVP, the output gate drive circuit will be
shutdown simultaneously to stop the switching of the
power MOSFET until the INV pin down to (OVP -
OVP_HYS).
The
OVP
function
in
LD7592
is
an
auto-recovery type protection. The Fig. 11 shows its
operation.
The disable comparator disables the operation of the
LD7592 when the voltage of the inverting input is lower
than 0.35V and there is 100mV hysteresis. An external
small signal MOSFET can be used to disable the IC. If the
IC is disabled, operating current decreases below 100
μA
to reduce power consumption.
The
LD7592
can
provide
additional
over
voltage
protection on OVP pin. If INV pin voltage divider gets
damaged, then OVP pin can supply additional over
voltage protection. If OVP pin protection is not required,
the OVP pin can connect with INV pin.
INV
t
OVP Tripped
t
OUT
ON
2.675V
2.55V
OFF
Fig. 11
Brown in Protection
The LD7592 features Brown-in function on INV pin. The
built-in comparator detects the VINV and VOVP voltage
condition, as shown in Fig. 12. This is done as follows:
1. The INV and OVP voltage is higher than UVP
2. The COMP voltage rise up and higher than VZDC
UVP
t
VComp
t
OUT
ON
OFF
t
VINV.VOVP
VZDC
Fig. 12
Ramp Generator Block
The output of the gm error amplifier and the output of the
ramp generator block are compared to determine the
MOSFET on time, as shown in Fig. 13. The slope of the
ramp is determined by an external resistor connected to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com