Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD7592 Datasheet(PDF) 1 Page - Leadtrend Technology

Part # LD7592
Description  Transition-Mode PFC Controller with Fault Condition Protection
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7592 Datasheet(HTML) 1 Page - Leadtrend Technology

  LD7592 Datasheet HTML 1Page - Leadtrend Technology LD7592 Datasheet HTML 2Page - Leadtrend Technology LD7592 Datasheet HTML 3Page - Leadtrend Technology LD7592 Datasheet HTML 4Page - Leadtrend Technology LD7592 Datasheet HTML 5Page - Leadtrend Technology LD7592 Datasheet HTML 6Page - Leadtrend Technology LD7592 Datasheet HTML 7Page - Leadtrend Technology LD7592 Datasheet HTML 8Page - Leadtrend Technology LD7592 Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
LD7592
06/05/2017
1
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7592-DS-00 June 2017
Transition-Mode PFC Controller with
Fault Condition Protection
REV. 00
General Description
The LD7592 is a voltage mode PFC controller operating on
transition mode, with several integrated functions of
protection, such as OVP, OCP, and Brown-in protection. It
reduces the components counts and is available in a
SOP-8 or DIP-8 package. Those make it an ideal design
for low cost applications.
It provides functions of low startup current, over voltage
protection, open feedback protection, disable function,
over
current
protection, under
voltage lockout
and
integrated LEB of current sensing. The LD7592 adopts
transition mode for power factor correction and realizes
high efficiency and a low switching noise by zero current
switching.
Typical Application for Boost PFC
Features
 Transition Mode of PFC Pre-Regulator
 Voltage Mode Control
 Programmable Max. On-Time
 ZCD Auxiliary Winding is Unnecessary
 Low Startup Current (<1
A)
 UVLO (Under Voltage Lockout)
 LEB (Leading-Edge Blanking) on CS pin
 VCC OVP (Over Voltage Protection) on VCC pin
 VO OVP (Over Voltage Protection) on INV pin
 Bulk Cap OVP (Over Voltage Protection) on OVP pin
 OCP (Cycle by Cycle Current Limit)
 900/-1200mA Driving Capability
 Internal OTP (Over Temperature Protection)
Applications
 Adaptor of Output above 75W.
 LCD TV Power Supply
AC
Input
LD7592
OUT
CS
GND
COMP
VCC
RAMP
EMI
Filter
INV
OVP


Similar Part No. - LD7592

ManufacturerPart #DatasheetDescription
logo
Leadtrend Technology
LD7592S LEADTREND-LD7592S Datasheet
841Kb / 16P
Transition-Mode PFC Controller with Fault Condition Protection
REV. 00
LD7592SGN LEADTREND-LD7592SGN Datasheet
841Kb / 16P
Transition-Mode PFC Controller with Fault Condition Protection
REV. 00
LD7592SGS LEADTREND-LD7592SGS Datasheet
841Kb / 16P
Transition-Mode PFC Controller with Fault Condition Protection
REV. 00
More results

Similar Description - LD7592

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6563 STMICROELECTRONICS-L6563_07 Datasheet
720Kb / 39P
Advanced transition-mode PFC controller
12-Mar-2007
L6562A_0708 STMICROELECTRONICS-L6562A_0708 Datasheet
547Kb / 26P
Transition-mode PFC controller
07-Aug-2007
logo
Texas Instruments
UCC28050 TI-UCC28050 Datasheet
692Kb / 30P
TRANSITION MODE PFC CONTROLLER
UCC28050 TI1-UCC28050_13 Datasheet
1Mb / 32P
TRANSITION MODE PFC CONTROLLER
logo
STMicroelectronics
L6562 STMICROELECTRONICS-L6562 Datasheet
249Kb / 16P
TRANSITION-MODE PFC CONTROLLER
Nov-2005
L6562AT STMICROELECTRONICS-L6562AT Datasheet
492Kb / 25P
Transition-mode PFC controller
04-Mar-2009
logo
ADTech
ADT6011 ADTECH-ADT6011 Datasheet
264Kb / 5P
Transition Mode PFC controller
logo
Texas Instruments
UCC28050 TI-UCC28050_15 Datasheet
1Mb / 31P
TRANSITION MODE PFC CONTROLLER
logo
Diodes Incorporated
AL6562A DIODES-AL6562A Datasheet
693Kb / 16P
Transition Mode PFC LED Controller
Rev 1-2
logo
Leadtrend Technology
LD7591 LEADTREND-LD7591 Datasheet
432Kb / 20P
Transition-Mode PFC Controller with Fault Condition Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com