Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD7592 Datasheet(PDF) 13 Page - Leadtrend Technology

Part # LD7592
Description  Transition-Mode PFC Controller with Fault Condition Protection
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7592 Datasheet(HTML) 13 Page - Leadtrend Technology

Back Button LD7592 Datasheet HTML 7Page - Leadtrend Technology LD7592 Datasheet HTML 8Page - Leadtrend Technology LD7592 Datasheet HTML 9Page - Leadtrend Technology LD7592 Datasheet HTML 10Page - Leadtrend Technology LD7592 Datasheet HTML 11Page - Leadtrend Technology LD7592 Datasheet HTML 12Page - Leadtrend Technology LD7592 Datasheet HTML 13Page - Leadtrend Technology LD7592 Datasheet HTML 14Page - Leadtrend Technology LD7592 Datasheet HTML 15Page - Leadtrend Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
LD7592
06/05/2017
13
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7592-DS-00 June 2017
Package Information
SOP-8
Symbols
Dimensions in Millimeters
Dimensions in Inch
MIN
MAX
MIN
MAX
A
4.801
5.004
0.189
0.197
B
3.810
3.988
0.150
0.157
C
1.346
1.753
0.053
0.069
D
0.330
0.508
0.013
0.020
F
1.194
1.346
0.047
0.053
H
0.178
0.229
0.007
0.010
I
0.102
0.254
0.004
0.010
J
5.791
6.198
0.228
0.244
M
0.406
1.270
0.016
0.050
θ
0°
8°
0°
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com