Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD7835DGL Datasheet(PDF) 2 Page - Leadtrend Technology

Part # LD7835DGL
Description  Non-isolation Buck Solution High Power Factor LED Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7835DGL Datasheet(HTML) 2 Page - Leadtrend Technology

  LD7835DGL Datasheet HTML 1Page - Leadtrend Technology LD7835DGL Datasheet HTML 2Page - Leadtrend Technology LD7835DGL Datasheet HTML 3Page - Leadtrend Technology LD7835DGL Datasheet HTML 4Page - Leadtrend Technology LD7835DGL Datasheet HTML 5Page - Leadtrend Technology LD7835DGL Datasheet HTML 6Page - Leadtrend Technology LD7835DGL Datasheet HTML 7Page - Leadtrend Technology LD7835DGL Datasheet HTML 8Page - Leadtrend Technology LD7835DGL Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
LD7835D
05/03/2017
2
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7835D-DS-00 May 2017
Pin Configuration
SOT-26 (TOP VIEW)
YY, Y
: Year code (D: 2004, E: 2005
…..)
WW, W : Week code
PP
: Production code
S35D
: LD7835D
1
2
3
4
5
6
COMP GND
ZCD
CS
OUT
VCC
YWS
35D
pp
Ordering Information
Part number
Package
Top Mark
Shipping
LD7835D GL
SOT-26
YWS/35D
3000 /tape & reel
The LD7835D is ROHS compliant/ green packaged.
Protection Mode
Part number
VCC_OVP
ZCD_OVP
OLP/
Output Short
LD7835D
Auto recovery
Auto recovery
Auto recovery
Pin Descriptions
Pin
NAME
FUNCTION
1
COMP
Compensation pin for internal error amplifier
2
GND
Ground
3
ZCD
Over voltage protection setting, Quasi resonance detector,
support programmable maximum on-time.
4
VCC
Power Supply to VCC
5
OUT
Gate Signal Output
6
CS
Connecting a sense resistor to ground, support CRR function
setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com