Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD7835DGL Datasheet(PDF) 4 Page - Leadtrend Technology

Part # LD7835DGL
Description  Non-isolation Buck Solution High Power Factor LED Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7835DGL Datasheet(HTML) 4 Page - Leadtrend Technology

  LD7835DGL Datasheet HTML 1Page - Leadtrend Technology LD7835DGL Datasheet HTML 2Page - Leadtrend Technology LD7835DGL Datasheet HTML 3Page - Leadtrend Technology LD7835DGL Datasheet HTML 4Page - Leadtrend Technology LD7835DGL Datasheet HTML 5Page - Leadtrend Technology LD7835DGL Datasheet HTML 6Page - Leadtrend Technology LD7835DGL Datasheet HTML 7Page - Leadtrend Technology LD7835DGL Datasheet HTML 8Page - Leadtrend Technology LD7835DGL Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
LD7835D
05/03/2017
4
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7835D-DS-00 May 2017
Absolute Maximum Ratings
VCC
-0.3V ~ 30V
CS
-1V ~ 6V
ZCD
-0.3V ~ 6V
COMP
-0.3V ~ 6V
ZCD Source/ Sink Current
-2mA ~ 1mA
OUT
-0.3V ~ 30V
Maximum Junction Temperature
150
C
Storage Temperature Range
-65
C to 150C
Package Thermal Resistance (SOT-26,
JA)
200
C/W
Power Dissipation (SOT-26, TJ=125
oC, T
A=85C)
200mW
Lead temperature (Soldering, 10sec)
260
C
ESD Voltage Protection, Human Body Model
2.5KV
ESD Voltage Protection, Machine Model
250 V
Caution:
Stress exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stress above Recommended Operating Conditions may affect
device reliability.
Recommended Operating Conditions
Item
Min.
Max.
Unit
VCC
10
24
V
VCC pin capacitor
2.2
22
F
COMP voltage
0.6
4.5
V
COMP pin capacitor
0.47
2.2
F
Operating Junction Temperature Range
-20
125
C
Note:
1.
It’s essential to connect VCC pin with a SMD ceramic capacitor (0.1
F~0.47F) to
filter out the undesired switching noise for stable operation. This capacitor should be
placed close to IC pin as possible
2.
Connecting a capacitor to COMP pin is also essential to filter out the undesired
switching noise for stable operation.
3.
The small signal components should be placed close to IC pin as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com