Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD7835DGL Datasheet(PDF) 6 Page - Leadtrend Technology

Part # LD7835DGL
Description  Non-isolation Buck Solution High Power Factor LED Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7835DGL Datasheet(HTML) 6 Page - Leadtrend Technology

Back Button LD7835DGL Datasheet HTML 2Page - Leadtrend Technology LD7835DGL Datasheet HTML 3Page - Leadtrend Technology LD7835DGL Datasheet HTML 4Page - Leadtrend Technology LD7835DGL Datasheet HTML 5Page - Leadtrend Technology LD7835DGL Datasheet HTML 6Page - Leadtrend Technology LD7835DGL Datasheet HTML 7Page - Leadtrend Technology LD7835DGL Datasheet HTML 8Page - Leadtrend Technology LD7835DGL Datasheet HTML 9Page - Leadtrend Technology LD7835DGL Datasheet HTML 10Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
LD7835D
05/03/2017
6
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7835D-DS-00 May 2017
PARAMETER
CONDITIONS
Symbol
MIN
TYP
MAX
UNITS
Gate Drive Output (OUT Pin)
Output Low Level
VCC=15V, ISINK=20mA
VOUT_L
-
-
0.5
V
Output High Level
VCC=15V, ISOURCE=5mA
VOUT_H
8
-
VCC
V
Output High Clamp Level
VCC=15V
VOUT_CL
12
13
14
V
Rising Time
(1)
VCC=15V, CL=1nF
-
-
120
-
ns
Falling Time
(1)
VCC=15V, CL=1nF
-
-
30
-
ns
Time out
Time out Period during Soft
start
TOUT_SS
-
80
-
s
Time out Period after soft start
TOUT
120
160
200
s
OTP (Over Temp. Protection)
OTP Trip level
(1)
-
-
140
-
C
OTP Hysteresis
(1)
-
-
30
-
C
Note:
(1) Guaranteed by Design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com