Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX1972AIBC Datasheet(PDF) 6 Page - Microsemi Corporation

Part # LX1972AIBC
Description  Ambient Light Detector
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1972AIBC Datasheet(HTML) 6 Page - Microsemi Corporation

  LX1972AIBC Datasheet HTML 1Page - Microsemi Corporation LX1972AIBC Datasheet HTML 2Page - Microsemi Corporation LX1972AIBC Datasheet HTML 3Page - Microsemi Corporation LX1972AIBC Datasheet HTML 4Page - Microsemi Corporation LX1972AIBC Datasheet HTML 5Page - Microsemi Corporation LX1972AIBC Datasheet HTML 6Page - Microsemi Corporation LX1972AIBC Datasheet HTML 7Page - Microsemi Corporation LX1972AIBC Datasheet HTML 8Page - Microsemi Corporation LX1972AIBC Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
LX1972A
PRODUCTION DATA SHEET
Microsemi
Integrated Products Group
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 6
Ambient Light Detector
Copyright
© 2005
Rev. 1.0, 2006-09-18
TM
®
APPLICATION EXAMPLES
The following examples present both fully automatic
(no user input) and semi-automatic to fully manual
override implementations. These general guidelines are
applicable to a wide variety of potential light control
applications. The LX1972A can be used to control the
brightness input of CCFL inverters (like Microsemi’s
PanelMatch™ inverter family, or line of controller IC’s).
Likewise, it can interface well with LED drivers like the
LX1990 and LX1991 sink LED drivers, or boost drivers
like the LX1992, LX1993, LX1994, and LX1995.
In each specific application, it is important to recognize
the need to correlate the output current of the LX1972A
for the target environment and its ambient light
conditions. The mechanical mounting of the sensor, light
aperture hole size, use of a light pipe or bezel are critical
in determining the response of the LX1972A for a given
exposure of light.
Part
R1
R2
C1
10µF
3.3V
To inverter brightness
input or LED driver
controller.
3.3V or 5V
VSS
VDD
Figure 4
The example in figure 4 shows a fully automatic
dimming solution with no user interaction. Choose R1
and R2 values for any desired minimum brightness and
slope. Choose C1 to adjust response time to filter 50/60
Hz room lighting. As an example, let’s say you wish to
generate an output voltage from 0.25V to 1.25V to drive
the input of an LED driver controller.
The 0.25V
represents the minimum LED brightness and 1.25V
represents the maximum. The first step would be to
determine the ratio of R1 and R2.
R2
12.2
1
0.25V
3.3V
R2
R1
0.25
3.3
R2
R1
R2
×
=
−
=
∴
=
×
+
⎥
⎦
⎤
⎢
⎣
⎡
Next, the value of R2 can be calculated based on the
maximum output source current coming from the
LX1972A under the application’s maximum light
exposure, lets say this has been determined to be about
50µA . Thus R2 can be calculated first order as follows:
305k
R2
12.2
R1
25k
50µA
1.25V
R2
=
×
=
∴
=
=
⎥
⎥
⎦
⎤
⎢
⎢
⎣
⎡
The output node will actually reach 1.25V when the source
current from the LX1972A is only about 43µA, since about
7µA of current will be contributed from R1. This assumes a
high impedance input to the LED driver. In Figure 5 user
adjustable bias control has been added to allow control over
the minimum and maximum output voltage. This allows the
user to adjust the output brightness to personal preference
over a limited range. In addition, an equivalent DC voltage
may replace the PWM input source.
R1
40K
R2
25K
10µF
To inverter
brightness input or
LED driver
controller input.
3.3V or 5V
3.3V PWM
Part
VSS
VDD
Figure 5
Figure 6 shows how a fully manual override can be quickly
added to the example in figure 5. In addition to the gate to
turn on and off the LX1972A, a diode has been inserted to
isolate the sensor when it is disabled.
30K
30K
10µF
To inverter
brightness input or
LED driver controller.
PWM
CMOS
Gate
60K
3.3V
Disable
control
Part
VSS
VDD
Figure 6
The preceding examples represent just a few of the
potential sensor applications. Further details and additional
circuits can be found in the application note (AN-28) LX1970
Visible Light Sensor located in the application section of
www.microsemi.com.
Although this application note is
written around Microsemi’s LX1970 visible light sensor, the
circuits can be easily adapted for use with the LX1972A.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com