Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX1972AIBC Datasheet(PDF) 7 Page - Microsemi Corporation

Part # LX1972AIBC
Description  Ambient Light Detector
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1972AIBC Datasheet(HTML) 7 Page - Microsemi Corporation

  LX1972AIBC Datasheet HTML 1Page - Microsemi Corporation LX1972AIBC Datasheet HTML 2Page - Microsemi Corporation LX1972AIBC Datasheet HTML 3Page - Microsemi Corporation LX1972AIBC Datasheet HTML 4Page - Microsemi Corporation LX1972AIBC Datasheet HTML 5Page - Microsemi Corporation LX1972AIBC Datasheet HTML 6Page - Microsemi Corporation LX1972AIBC Datasheet HTML 7Page - Microsemi Corporation LX1972AIBC Datasheet HTML 8Page - Microsemi Corporation LX1972AIBC Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
LX1972A
PRODUCTION DATA SHEET
Microsemi
Integrated Products Group
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 7
Ambient Light Detector
Copyright
© 2005
Rev. 1.0, 2006-09-18
TM
®
APPLICATION CIRCUITS
VSS
VDD
LX1972A
LX1995
IN
SHDN
GND
SW
FB
SHDN
C1
4.7µF
R1
100K
GND
VIN
L1 10µH
D1
UPS5817
C2
1µF
R6
15
R5
5.76K
R4
10K
C3
10µF
C4
0.1µF
R10
49.9K
R8
60.4K
3.3V
R7
24.9K
MMBT2907
Figure 7 –
Typical Application with Microsemi’s LX1995 LED Driver IC
VIN
S/P
BRT
LS
GND
DRV
SRC
OVP
FB
CMP
22µH
FDN337
UPS5819
1M
41.2K
0.1µF
4.99K
1µF
15K
22µF
178K
100K
VDD
VSS
3.3V
1µF
15
VIN = 2.0V to 5.5V
PWM Dimming Input
LX1972A
LX1994
MMBT2907
Figure 8 –
Typical Application with Microsemi’s LX1994 LED driver IC



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com